Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1243 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1243
Description  High Speed Current Mode Pulse Width Modulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1243 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1243 Datasheet HTML 2Page - Linear Technology LT1243 Datasheet HTML 3Page - Linear Technology LT1243 Datasheet HTML 4Page - Linear Technology LT1243 Datasheet HTML 5Page - Linear Technology LT1243 Datasheet HTML 6Page - Linear Technology LT1243 Datasheet HTML 7Page - Linear Technology LT1243 Datasheet HTML 8Page - Linear Technology LT1243 Datasheet HTML 9Page - Linear Technology LT1243 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1241 Series
6
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
OSCILLATOR FREQUENCY (kHz)
0
0
10
20
30
40
50
60
100
1000
LT1241 • TPC19
5nF
2nF
1nF
100pF
500pF
TIME 50ns/DIV
LT1241 • TPC22
Output Rise and Fall Time
Output Cross-Conduction Current
Current Sense Delay
TIME 50ns/DIV
LT1241 • TPC24
TIME 50ns/DIV
LT1241 • TPC23
Output Deadtime vs Oscillator
Output Deadtime vs Oscillator
Timing Resistor vs Oscillator
Frequency – LT1242, LT1244
Frequency – LT1241, LT1243,LT1245
Frequency
OSCILLATOR FREQUENCY (kHz)
0
50
55
60
65
70
75
100
1000
LT1241 • TPC20
5nF
2nF
500pF
100pF
10nF
1nF
OSCILLATOR FREQUENCY (Hz)
10k
1
10
100
100k
1M
LT1241 • TPC21
5nF
2nF
500pF
100pF
CT =10nF
1nF
200pF
VCC = 15V
TJ = 25°C
VCC = 15V
CL = 1nF
VCC = 15V
CL = 15pF
VCC = 15V
CL = 1nF


Similar Part No. - LT1243

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1243 LINER-LT1243 Datasheet
331Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1243 LINER-LT1243 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1243 LINER-LT1243 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1243 LINER-LT1243 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
More results

Similar Description - LT1243

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1244IN8 LINER-LT1244IN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1244IS8 LINER-LT1244IS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
LT1241 LINER-LT1241 Datasheet
331Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1241IS8 LINEAR-LT1241IS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Technology
LT1245IN8 LINER-LT1245IN8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242IS8 LINEAR-LT1242IS8 Datasheet
277Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Technology
LT1241 LINER-LT1241_15 Datasheet
295Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242CS8 LINEAR-LT1242CS8 Datasheet
273Kb / 16P
   High Speed Current Mode Pulse Width Modulators
logo
Seme LAB
IP1842 SEME-LAB-IP1842 Datasheet
43Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
IP1844 SEME-LAB-IP1844 Datasheet
58Kb / 6P
   CURRENT MODE REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com