Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1780 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1780
Description  Low Power 5V RS232 Dual Driver/Receiver with
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1780 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1780 Datasheet HTML 2Page - Linear Technology LT1780 Datasheet HTML 3Page - Linear Technology LT1780 Datasheet HTML 4Page - Linear Technology LT1780 Datasheet HTML 5Page - Linear Technology LT1780 Datasheet HTML 6Page - Linear Technology LT1780 Datasheet HTML 7Page - Linear Technology LT1780 Datasheet HTML 8Page - Linear Technology LT1780 Datasheet HTML 9Page - Linear Technology LT1780 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1780/LT1781
VCC: 5V Input Supply Pin. This pin should be decoupled
with a 0.1
µF ceramic capacitor close to the package pin.
Insufficient supply bypassing can result in low output
drive levels and erratic charge pump operation.
GND: Ground Pin.
ON/OFF: A TTL/CMOS Compatible Operating Mode Con-
trol. A logic low puts the LT1780 in SHUTDOWN mode.
Supply current drops to zero and both driver and receiver
outputs assume a high impedance state. A logic high fully
enables the device.
V+: Positive Supply Output (RS232 Drivers).
V+
≈ 2VCC – 1.5V. This pin requires an external charge
storage capacitor C
≥ 0.1µF, tied to ground or VCC. Larger
value capacitors may be used to reduce supply ripple. With
multiple transceivers, the V+ and V pins may be paralleled
into common capacitors.
V: Negative Supply Output (RS232 Drivers).
V
≈ –(2VCC – 2.5V). This pin requires an external charge
storage capacitor C
≥ 0.1µF. Larger value capacitors may
be used to reduce supply ripple. With multiple transceiv-
ers, the V+ and V pins may be paralleled into common
capacitors.
TR1 IN, TR2 IN: RS232 Driver Input Pins. These inputs are
TTL/CMOS compatible. Inputs should not be allowed to
float. Tie unused inputs to VCC.
TR1 OUT, TR2 OUT: Driver Outputs at RS232 Voltage
Levels. Driver output swing meets RS232 levels for loads
up to 3k. Slew rates are controlled for lightly loaded lines.
Output current capability is sufficient for load conditions
up to 2500pF. Outputs are in a high impedance state when
in SHUTDOWN mode or VCC = 0V. Outputs are fully short-
circuit protected from V + 30V to V + – 30V. Applying
higher voltages will not damage the device if the overdrive
is moderately current limited. Short circuits on one
output can load the power supply generator and may
disrupt the signal levels of the other outputs. The driver
outputs are protected against ESD to IEC-1000-4-2
Level 4 discharges.
REC1 IN, REC2 IN: Receiver Inputs. These pins accept
RS232 level signals (
±30V) into a protected 5k terminat-
ing resistor. The receiver inputs are protected against ESD
to IEC-1000-4-2 Level 4 discharges. Each receiver pro-
vides 0.4V of hysteresis for noise immunity. Open receiver
inputs result in a logic high receiver output state.
REC1 OUT, REC2 OUT: Receiver outputs with TTL/CMOS
Voltage Levels. Outputs are in a high impedance state
when in SHUTDOWN mode to allow data line sharing.
Outputs are fully short-circuit protected to ground or VCC
with the power ON, OFF or in the SHUTDOWN mode.
C1+, C1, C2 +, C2 : Commutating Capacitor Inputs.
These pins require two external capacitors C
≥ 0.1µF: one
from C1+ to C1and another from C2+ to C2 . C1 should
be deleted if a separate 12V supply is available and
connected to pin C1+. Similarly, C2 should be deleted if a
separate – 12V supply is connected to pin V .
PI FU CTIO S


Similar Part No. - LT1780

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1780 LINER-LT1780 Datasheet
276Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 짹15kV ESD Protection
LT1780 LINER-LT1780 Datasheet
115Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
logo
Linear Integrated Syste...
LT1780 LINEAR-LT1780 Datasheet
246Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
logo
Linear Technology
LT1780 LINER-LT1780 Datasheet
255Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
LT1780CN LINER-LT1780CN Datasheet
276Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 짹15kV ESD Protection
More results

Similar Description - LT1780

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1080 LINER-LT1080 Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1081 LINER-LT1081_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1280A LINER-LT1280A Datasheet
250Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1181A LINER-LT1181A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1281A LINER-LT1281A_15 Datasheet
233Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
logo
Linear Integrated Syste...
LT1180 LINEAR-LT1180_1 Datasheet
201Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
logo
Linear Technology
LT1180A LINER-LT1180A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1381 LINER-LT1381 Datasheet
185Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1381 LINER-LT1381_15 Datasheet
170Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com