Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1783IS5 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1783IS5
Description  1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1783IS5 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1783IS5 Datasheet HTML 3Page - Linear Technology LT1783IS5 Datasheet HTML 4Page - Linear Technology LT1783IS5 Datasheet HTML 5Page - Linear Technology LT1783IS5 Datasheet HTML 6Page - Linear Technology LT1783IS5 Datasheet HTML 7Page - Linear Technology LT1783IS5 Datasheet HTML 8Page - Linear Technology LT1783IS5 Datasheet HTML 9Page - Linear Technology LT1783IS5 Datasheet HTML 10Page - Linear Technology LT1783IS5 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT1783
7
1783fd
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 3: The LT1783C and LT1873I are guaranteed functional over the
operating temperature range of –40°C to 85°C. The LT1783H is guaranteed
functional over the operating temperature range of –40°C to 125°C.
Note 4: The LT1783C is guaranteed to meet specified performance from
0°C to 70°C. The LT1783C is designed, characterized and expected to
meet specified performance from –40°C to 85°C but is not tested or
QA sampled at these temperatures. The LT1783I is guaranteed to meet
specified performance from –40°C to 85°C. The LT1783H is guaranteed to
meet specified performance from –40°C to 125°C.
Note 5: VS = 5V limits are guaranteed by correlation to VS = 3V and
VS = ±5V or VS = ±9V tests.
Note 6: VS = 3V limits are guaranteed by correlation to VS = 5V and
VS = ±5V or VS = ±9V tests.
Note 7: Guaranteed by correlation to slew rate at VS = ±5V, and GBW at
VS = 3V and VS = ±5V tests.
Note 8: This specification implies a typical input offset voltage of 1.8mV at
VCM = 18V and a maximum input offset voltage of 7.2mV at VCM = 18V.
Note 9: This parameter is not 100% tested.
Note 10: Specifications apply to 6-lead SOT-23 with shutdown.
Note 11: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/2πVP.
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
Minimum Supply Voltage
Output Voltage
vs Large Input Voltage
Input Bias Current
vs Common Mode Voltage
Output Saturation Voltage
vs Load Current (Output High)
Output Saturation Voltage
vs Load Current (Output Low)
SUPPLY VOLTAGE (V)
2
6
10
14
4
8
12
16
18
1783 G01
300
280
260
240
220
200
180
160
140
120
TA = 125°C
TA = 25°C
TA = –55°C
TOTAL SUPPLY VOLTAGE (V)
0
1
2
3
4
5
1783 G02
400
300
200
100
0
–100
–200
–300
–400
TA = 125°C
TA = –55°C
TA = 25°C
VIN (V)
–10 –8
6 8 10 12 14 16 18
1783 G03
5
4
3
2
1
0
VS = 5V, 0V
–6 –4
0 2
–2
4
VIN
5V
+
COMMON MODE VOLTAGE (V)
3.8 4 4.2 4.4 4.6 4.8 5 5.2 5.4 5.6 14 16 18
1783 G04
50000
40000
30000
20000
10000
250
200
150
100
50
0
–50
TA = 25°C
TA = –55°C
TA = 125°C
SOURCING LOAD CURRENT (A)
0.01
0.1
1
100μ
10μ
1m
10m
1783 G05
TA = 125°C
VS = ±2.5V
VOD = 30mV
TA = –55°C
TA = 25°C
SINKING LOAD CURRENT (A)
0.01
0.1
100μ
1m
10m
1783 G06
0.001
10μ
1
TA = –55°C
TA = 125°C
TA = 25°C
VS = ±2.5V
VOD = 30mV


Similar Part No. - LT1783IS5

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results

Similar Description - LT1783IS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Technology
LT1783 LINER-LT1783_1 Datasheet
172Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783_15 Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_15 Datasheet
398Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com