Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1783IS5 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1783IS5
Description  1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1783IS5 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1783IS5 Datasheet HTML 7Page - Linear Technology LT1783IS5 Datasheet HTML 8Page - Linear Technology LT1783IS5 Datasheet HTML 9Page - Linear Technology LT1783IS5 Datasheet HTML 10Page - Linear Technology LT1783IS5 Datasheet HTML 11Page - Linear Technology LT1783IS5 Datasheet HTML 12Page - Linear Technology LT1783IS5 Datasheet HTML 13Page - Linear Technology LT1783IS5 Datasheet HTML 14Page - Linear Technology LT1783IS5 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1783
11
1783fd
APPLICATIONS INFORMATION
Supply Voltage
The positive supply pin of the LT1783 should be bypassed
with a small capacitor (typically 0.1μF) within an inch of
the pin. When driving heavy loads, an additional 4.7μF
electrolytic capacitor should be used. When using split
supplies, the same is true for the negative supply pin.
The LT1783 is protected against reverse-battery voltages
up to 18V. In the event a reverse-battery condition occurs,
the supply current is less than 1nA.
Inputs
The LT1783 has two input stages, NPN and PNP (see the
Simplified Schematic), resulting in three distinct operating
regions as shown in the Input Bias Current vs Common
Mode typical performance curve.
For input voltages about 0.8V or more below V+, the PNP
input stage is active and the input bias current is typically
–40nA. When the input common mode voltage is within
0.5V of the positive rail, the NPN stage is operating and
the input bias current is typically 80nA. Increases in tem-
perature will cause the voltage at which operation switches
from the PNP input stage to the NPN input stage to move
towards V+. The input offset voltage of the NPN stage is
untrimmed and is typically 1.8mV.
A Schottky diode in the collector of the input transistors,
along with special geometries for these NPN transistors,
allow the LT1783 to operate with either or both of its inputs
above V+. At about 0.3V above V+, the NPN input transistor
is fully saturated and the input bias current is typically 30μA
at room temperature. The input offset voltage is typically
1.8mV when operating above V+. The LT1783 will operate
with its inputs 18V above Vregardless of V+.
The inputs are protected against excursions as much as
10V below Vby an internal 1k resistor in series with each
input and a diode from the input to the negative supply.
The input stage of the LT1783 incorporates phase reversal
protection to prevent the output from phase reversing for
inputs up to 9V below V. There are no clamping diodes
between the inputs and the maximum differential input
voltage is 18V.
Output
The output of the LT1783 can swing to within 60mV of the
positive rail with no load and within 3mV of the negative
rail with no load. When monitoring input voltages within
60mV of the positive rail or within 3mV of the negative rail,
gain should be taken to keep the output from clipping. The
LT1783 can sink and source over 30mA at ±5V supplies,
sourcing current is reduced to 10mA at 3V total supplies
as noted in the Electrical Characteristics.
The LT1783 is internally compensated to drive at least
400pF of capacitance under any output loading condi-
tions. A 0.22μF capacitor in series with a 150Ω resistor
between the output and ground will compensate these
amplifiers for larger capacitive loads, up to 10,000pF, at
all output currents.
Distortion
There are two main contributors to distortion in op amps:
output crossover distortion as the output transitions from
sourcing to sinking current, and distortion caused by non-
linear common mode rejection. If the op amp is operating
inverting, there is no common mode induced distortion.
If the op amp is operating in the PNP input stage (input is
not within 0.8V of V+), the CMRR is very good, typically
100dB. When the LT1783 switches between input stages,
there is significant nonlinearity in the CMRR. Lower load
resistance increases the output crossover distortion but
has no effect on the input stage transition distortion. For
lowest distortion, the LT1783 should be operated single
supply, with the output always sourcing current and with
the input voltage swing between ground and (V+ – 0.8V).
See the Typical Performance Characteristics curves,
“Total Harmonic Distortion + Noise vs Output Voltage
Amplitude.”


Similar Part No. - LT1783IS5

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results

Similar Description - LT1783IS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Technology
LT1783 LINER-LT1783_1 Datasheet
172Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783 LINER-LT1783_15 Datasheet
184Kb / 16P
   1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
   Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_15 Datasheet
398Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com