Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1931AIS5 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1931AIS5
Description  1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1931AIS5 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1931AIS5 Datasheet HTML 4Page - Linear Technology LT1931AIS5 Datasheet HTML 5Page - Linear Technology LT1931AIS5 Datasheet HTML 6Page - Linear Technology LT1931AIS5 Datasheet HTML 7Page - Linear Technology LT1931AIS5 Datasheet HTML 8Page - Linear Technology LT1931AIS5 Datasheet HTML 9Page - Linear Technology LT1931AIS5 Datasheet HTML 10Page - Linear Technology LT1931AIS5 Datasheet HTML 11Page - Linear Technology LT1931AIS5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1931/LT1931A
1931fa
increased to 68nF, resulting in a lower peak input current
of 350mA with a VOUT ramp time of 1.6ms. CSS or RSS can
be increased further for an even slower ramp, if desired.
Diode D2 serves to quickly discharge CSS when VSS is
driven low to shut down the device. D2 can be omitted,
resulting in a “soft-stop” slow discharge of the output
capacitor.
1
2
3
5
4
C2
D1
R2
R1
L1B
C1
L1A
+
SHUTDOWN
1931 F10
–VOUT
GND
VIN
C3
VOUT
2V/DIV
IIN
0.5A/DIV
AC COUPLED
5V
0V
VSS
200
µs/DIV
1931 F08
Figure 8. RSS = 15k, CSS = 33nF; VOUT Reaches – 5V in 1ms;
Input Current Peaks at 500mA
VOUT
2V/DIV
IIN
0.5A/DIV
AC COUPLED
5V
0V
VSS
500
µs/DIV
1931 F09
Figure 9. RSS = 15k, CSS = 68nF; VOUT Reaches – 5V in 1.6ms;
Input Current Peaks at 350mA
Figure 10. Suggested Component Placement.
Note Cut in Ground Copper at D1’s Cathode
APPLICATIO S I FOR ATIO
DIODE SELECTION
A Schottky diode is recommended for use with the LT1931/
LT1931A. The Motorola MBR0520 is a very good choice.
Where the input to output voltage differential exceeds 20V,
use the MBR0530 (a 30V diode). These diodes are rated to
handle an average forward current of 0.5 A. In applications
where the average forward current of the diode exceeds
0.5A, a Microsemi UPS5817 rated at 1A is recommended.
LAYOUT HINTS
The high-speed operation of the LT1931/LT1931A de-
mands careful attention to board layout. You will not get
advertised performance with careless layout. Figure 10
shows the recommended component placement. The
ground cut at the cathode of D1 is essential for low noise
operation.


Similar Part No. - LT1931AIS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1931A LINER-LT1931A Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1931A LINER-LT1931A Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
More results

Similar Description - LT1931AIS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT3462 LINER-LT3462_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462 LINER-LT3462 Datasheet
225Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT1930 LINER-LT1930 Datasheet
190Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
LTC3527 LINER-LTC3527 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com