Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1931 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1931
Description  1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1931 Datasheet(HTML) 3 Page - Linear Technology

  LT1931 Datasheet HTML 1Page - Linear Technology LT1931 Datasheet HTML 2Page - Linear Technology LT1931 Datasheet HTML 3Page - Linear Technology LT1931 Datasheet HTML 4Page - Linear Technology LT1931 Datasheet HTML 5Page - Linear Technology LT1931 Datasheet HTML 6Page - Linear Technology LT1931 Datasheet HTML 7Page - Linear Technology LT1931 Datasheet HTML 8Page - Linear Technology LT1931 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1931/LT1931A
1931fa
TYPICAL PERFOR A CE CHARACTERISTICS
Quiescent Current
TEMPERATURE (
°C)
–50
4.5
5.0
5.5
25
75
1931 G01
4.0
3.5
3.0
–25
0
50
6.0
6.5
7.0
100
NOT SWITCHING
LT1931A
LT1931
TEMPERATURE (
°C)
–50
–1.28
–1.27
–1.26
–1.25
–1.24
–1.22
–25
025
50
1931 G02
75
100
–1.23
SHDN PIN VOLTAGE (V)
0
–10
10
30
50
1
2
34
1931 G03
5
70
90
0
20
40
60
80
6
LT1931A
TA = 25°C
LT1931
Feedback Pin Voltage
Shutdown Pin Current
Current Limit
Switch Saturation Voltage
Oscillator Frequency
DUTY CYCLE (%)
10
0.8
1.2
90
1931 G04
0.4
0
30
50
70
20
40
60
80
1.6
0.6
1.0
0.2
1.4
TA = 25°C
SWITCH CURRENT (A)
0
0
0.05
0.15
0.20
0.25
0.8
0.45
1931 G05
0.10
0.4
0.2
1.0
0.6
1.2
0.30
0.35
0.40
TA = 25°C
TEMPERATURE (
°C)
–50
0.5
0.9
1.3
1.7
–25
0
25
50
1931 G06
75
2.1
2.5
0.7
1.1
1.5
1.9
2.3
100
LT1931A
LT1931
PI FU CTIO S
SW (Pin 1): Switch Pin. Connect inductor/diode here.
Minimize trace area at this pin to keep EMI down.
GND (Pin 2): Ground. Tie directly to local ground plane.
NFB (Pin 3): Feedback Pin. Reference voltage is –1.255V.
Connect resistive divider tap here. Minimize trace area.
The NFB bias current flows out of the pin. Set R1 and R2
according to:
For LT
R
V
R
OUT
1931 1
1 255
1 255
2
410 6
:
|| – .
.
=
+
()
For LT
A R
V
R
OUT
1931
1
1 255
1 255
2
810 6
:
|| – .
.
=
+
()
SHDN (Pin 4): Shutdown Pin. Tie to 2.4V or more to enable
device. Ground to shut down.
VIN (Pin 5): Input Supply Pin. Must be locally bypassed.


Similar Part No. - LT1931

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1931 LINER-LT1931 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LT1931 LINER-LT1931 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
More results

Similar Description - LT1931

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT3462 LINER-LT3462_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462 LINER-LT3462 Datasheet
225Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT1930 LINER-LT1930 Datasheet
190Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
LTC3527 LINER-LTC3527 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com