Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5292BRUZ-100 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5292BRUZ-100
Description  256-/1024-Position, Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5292BRUZ-100 Datasheet(HTML) 5 Page - Analog Devices

  AD5292BRUZ-100 Datasheet HTML 1Page - Analog Devices AD5292BRUZ-100 Datasheet HTML 2Page - Analog Devices AD5292BRUZ-100 Datasheet HTML 3Page - Analog Devices AD5292BRUZ-100 Datasheet HTML 4Page - Analog Devices AD5292BRUZ-100 Datasheet HTML 5Page - Analog Devices AD5292BRUZ-100 Datasheet HTML 6Page - Analog Devices AD5292BRUZ-100 Datasheet HTML 7Page - Analog Devices AD5292BRUZ-100 Datasheet HTML 8Page - Analog Devices AD5292BRUZ-100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD5291/AD5292
Rev. D | Page 5 of 32
Table 3.
RAB = 50 kΩ
RAB = 100 kΩ
|VDD − VSS| = 26 V to 33 V
|VDD − VSS| = 21 V to 26 V
|VDD − VSS| = 26 V to 33 V
|VDD − VSS| = 21 V to 26 V
Resistor Tolerance
per Code
RWB
RWA
RWB
RWA
RWB
RWA
RWB
RWA
1% R-Tolerance
From 0x2A
to 0xFF
From 0x00
to 0xD5
From 0x37
to 0xFF
From 0x00
to 0xC8
From 0x1E
to 0xFF
From 0x00
to 0xE1
From 0x14
to 0xFF
From 0x00
to 0xEB
2% R-Tolerance
From 0x11
to 0xFF
From 0x00
to 0xEE
From 0x16
to 0xFF
From 0x00
to 0xE9
From 0x0A
to 0xFF
From 0x00
to 0xF5
From 0x0A
to 0xFF
From 0x00
to 0xF5
3% R-Tolerance
From 0x0A
to 0xFF
From 0x00
to 0xF5
From 0x0D
to 0xFF
From 0x00
to 0xF2
From 0x07
to 0xFF
From 0x00
to 0xF8
From 0x07
to 0xFF
From 0x00
to 0xF8


Similar Part No. - AD5292BRUZ-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5292BRUZ-100-RL7 AD-AD5292BRUZ-100-RL7 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results

Similar Description - AD5292BRUZ-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRM10 AD-AD5200BRM10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com