Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR43-220 Datasheet(PDF) 11 Page - Linear Technology

Part # CR43-220
Description  1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

CR43-220 Datasheet(HTML) 11 Page - Linear Technology

Back Button CR43-220 Datasheet HTML 4Page - Linear Technology CR43-220 Datasheet HTML 5Page - Linear Technology CR43-220 Datasheet HTML 6Page - Linear Technology CR43-220 Datasheet HTML 7Page - Linear Technology CR43-220 Datasheet HTML 8Page - Linear Technology CR43-220 Datasheet HTML 9Page - Linear Technology CR43-220 Datasheet HTML 10Page - Linear Technology CR43-220 Datasheet HTML 11Page - Linear Technology CR43-220 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1931/LT1931A
1931fa
PACKAGE DESCRIPTIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
SLIC Power Supply with – 21.6V and – 65V Outputs, Uses Soft-Start
TYPICAL APPLICATIO S
VIN
VIN
5V
VSS
SW
L1
10
µH
GND
R2
1k
LT1931
NFB
SHDN
RSS
15k
R3
16.2k
R1
1
R4
2.7k
C8
1000pF
C1
4.7
µF
16V
CSS
68nF
C3
1
µF
35V
C4
1
µF
35V
*TOTAL OUTPUT POWER NOT TO EXCEED 1.3W
C1 TO C7: X5R OR X7R
D1, D2: BAV99 OR EQUIVALENT
L1: SUMIDA CR43-100
C7
4.7
µF
25V
32
D3
C6
4.7
µF
25V
32
1
D2
1
1931 TA09
C5
4.7
µF
25V
VOUT1
–21.6V
48mA*
COM
VOUT2
– 65V
20mA*
C2
1
µF
35V
32
D1
1
1.50 – 1.75
(NOTE 4)
2.80 BSC
0.30 – 0.45 TYP
5 PLCS (NOTE 3)
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
S5 TSOT-23 0302 REV B
PIN ONE
2.90 BSC
(NOTE 4)
0.95 BSC
1.90 BSC
0.80 – 0.90
1.00 MAX
0.01 – 0.10
0.20 BSC
0.30 – 0.50 REF
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. JEDEC PACKAGE REFERENCE IS MO-193
3.85 MAX
0.62
MAX
0.95
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF
S5 Package
5-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1635)


Similar Part No. - CR43-220

ManufacturerPart #DatasheetDescription
logo
Linear Technology
CR43-3R3 LINER-CR43-3R3 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
logo
Monolithic Power System...
CR43-4R7 MPS-CR43-4R7 Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
CR43-4R7 MPS-CR43-4R7 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
logo
Linear Technology
CR43-4R7 LINER-CR43-4R7 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
More results

Similar Description - CR43-220

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931A LINER-LT1931A_15 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT3462 LINER-LT3462_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462A LINER-LT3462A_15 Datasheet
233Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT3462 LINER-LT3462 Datasheet
225Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LT1930 LINER-LT1930 Datasheet
190Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
LTC3527 LINER-LTC3527 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com