Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5247BKSZ100-RL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5247BKSZ100-RL7
Description  128-Position I2C-Compatible Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5247BKSZ100-RL7 Datasheet(HTML) 4 Page - Analog Devices

  AD5247BKSZ100-RL7 Datasheet HTML 1Page - Analog Devices AD5247BKSZ100-RL7 Datasheet HTML 2Page - Analog Devices AD5247BKSZ100-RL7 Datasheet HTML 3Page - Analog Devices AD5247BKSZ100-RL7 Datasheet HTML 4Page - Analog Devices AD5247BKSZ100-RL7 Datasheet HTML 5Page - Analog Devices AD5247BKSZ100-RL7 Datasheet HTML 6Page - Analog Devices AD5247BKSZ100-RL7 Datasheet HTML 7Page - Analog Devices AD5247BKSZ100-RL7 Datasheet HTML 8Page - Analog Devices AD5247BKSZ100-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD5247
Data Sheet
Rev. F | Page 4 of 20
ELECTRICAL CHARACTERISTICS—10 kΩ, 50 kΩ, AND 100 kΩ VERSIONS
VDD = 5 V ± 10% or 3 V ± 10%, VA = VDD, −40°C < TA < +125°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS—RHEOSTAT MODE
Resistor Differential Nonlinearity2
R-DNL
RWB, VA = no connect
−1
±0.1
+1
LSB
Resistor Integral Nonlinearity2
R-INL
RWB, VA = no connect
−2
±0.25
+2
LSB
Nominal Resistor Tolerance3
∆RAB
−20
+20
%
Resistance Temperature Coefficient3
∆RAB/∆T
45
ppm/°C
Output Resistance
RWB
Code = 0x00
75
300
DC CHARACTERISTICS—POTENTIOMETER
DIVIDER MODE
Differential Nonlinearity4
DNL
−1
±0.1
+1
LSB
Integral Nonlinearity4
INL
−1
±0.2
+1
LSB
Voltage Divider Temperature Coefficient
∆VW/∆T
Code = 0x40
15
ppm/°C
Full-Scale Error (50 kΩ, 100 kΩ)
VWFSE
Code = 0x7F
−1
−1
0
LSB
Zero-Scale Error (50 kΩ, 100 kΩ)
VWZSE
Code = 0x00
0
0.4
1
LSB
Full-Scale Error (10 kΩ)
VWFSE
Code = 0x7F
−2
−0.5
0
LSB
Zero-Scale Error (10 kΩ)
VWZSE
VDD = 4.5 V to 5.5 V, code = 0x00
0
0.5
1
LSB
VDD = 2.7 V to 4.4 V, code = 0x00
0
0.5
1.2
LSB
RESISTOR TERMINALS
Voltage Range5
VA, VW
GND
VDD
V
Capacitance A6
CA
f = 1 MHz, measured to GND,
code = 0x40
45
pF
Capacitance W6
CW
f = 1 MHz, measured to GND,
code = 0x40
60
pF
Common-Mode Leakage
ICM
VA = VDD/2
1
nA
DIGITAL INPUTS AND OUTPUTS
Input Logic High
VIH
VDD = 5 V
2.4
V
Input Logic Low
VIL
VDD = 5 V
0.8
V
Input Logic High
VIH
VDD = 3 V
2.1
V
Input Logic Low
VIL
VDD = 3 V
0.6
V
Input Current
IIL
VIN = 0 V or 5 V
±1
µA
Input Capacitance6
CIL
5
pF
Output Logic Low (SDA)
VOL
IOL = 3 mA
0.4
V
IOL = 6 mA
0.6
V
POWER SUPPLIES
Power Supply Range
VDDRANGE
2.7
5.5
V
Supply Current
IDD
VDD = 5.5 V; VIH = VDD or VIL = GND
3
7
µA
VDD = 5 V; VIH = VDD or VIL = GND
2.5
5.2
µA
VDD = 3.3 V; VIH = VDD or VIL = GND
0.9
2
µA
Power Dissipation7
PDISS
VIH = 5 V or VIL = 0 V, VDD = 5 V
40
µW
Power Supply Sensitivity
PSSR
VDD = 5 V ± 10%, code = midscale
±0.01
±0.02
%/%


Similar Part No. - AD5247BKSZ100-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5247BKS10-R2 AD-AD5247BKS10-R2 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKS10-RL7 AD-AD5247BKS10-RL7 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKS100-R2 AD-AD5247BKS100-R2 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKS100-RL7 AD-AD5247BKS100-RL7 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5247BKS5-R2 AD-AD5247BKS5-R2 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
More results

Similar Description - AD5247BKSZ100-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5247 AD-AD5247 Datasheet
1Mb / 20P
   128-Position I2C Compatible Digital Potentiometer
REV. 0
AD5246BKSZ100-RL7 AD-AD5246BKSZ100-RL7 Datasheet
370Kb / 16P
   128-Position I2C-Compatible Digital Resistor
REV. C
AD5246 AD-AD5246 Datasheet
991Kb / 20P
   128-Position I2C Compatible Digital Resistor
REV. 0
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD7376ARWZ10 AD-AD7376ARWZ10 Datasheet
452Kb / 20P
   128-Position Digital Potentiometer
REV. D
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com