Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1962EMS8-1.8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1962EMS8-1.8
Description  300mA, Low Noise, Micropower LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1962EMS8-1.8 Datasheet(HTML) 4 Page - Linear Technology

  LT1962EMS8-1.8 Datasheet HTML 1Page - Linear Technology LT1962EMS8-1.8 Datasheet HTML 2Page - Linear Technology LT1962EMS8-1.8 Datasheet HTML 3Page - Linear Technology LT1962EMS8-1.8 Datasheet HTML 4Page - Linear Technology LT1962EMS8-1.8 Datasheet HTML 5Page - Linear Technology LT1962EMS8-1.8 Datasheet HTML 6Page - Linear Technology LT1962EMS8-1.8 Datasheet HTML 7Page - Linear Technology LT1962EMS8-1.8 Datasheet HTML 8Page - Linear Technology LT1962EMS8-1.8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1962 Series
TYPICAL PERFOR A CE CHARACTERISTICS
OUTPUT CURRENT (mA)
0
150
200
250
150
250
1962 G01
100
50
0
50
100
200
300
350
400
300
TJ = 125°C
TJ = 25°C
OUTPUT CURRENT (mA)
0
0
100
200
300
50
100
150
200
1962 G02
250
400
500
50
150
250
350
450
300
= TEST POINTS
TJ ≤ 125°C
TJ ≤ 25°C
TEMPERATURE (
°C)
–50
350
25
1962 G03
200
100
–25
0
50
50
0
400
300
250
150
75
100
125
IL = 300mA
IL = 100mA
IL = 50mA
IL = 10mA
IL = 1mA
Typical Dropout Voltage
Guaranteed Dropout Voltage
Dropout Voltage
Quiescent Current
TEMPERATURE (
°C)
–50
0
5
15
20
25
50
35
0
50
75
1962 G04
10
40
45
30
–25
25
100
125
VIN = 6V
VSHDN = VIN
RL =
, I
L = 0 (LT1962-1.5/-1.8
/2.5/-3/-3.3/-5)
RL = 250k, IL = 5µA (LT1962)
Note 5: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply for
all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 6: To satisfy requirements for minimum input voltage, the LT1962
(adjustable version) is tested and specified for these conditions with an
external resistor divider (two 250k resistors) for an output voltage of
2.44V. The external resistor divider will add a 5
µA DC load on the output.
Note 7: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout, the
output voltage will be equal to: VIN – VDROPOUT.
Note 8: GND pin current is tested with VIN = VOUT(NOMINAL) or VIN = 2.3V
(whichever is greater) and a current source load. This means the device is
ELECTRICAL CHARACTERISTICS
tested while operating in its dropout region. This is the worst-case GND
pin current. The GND pin current will decrease slightly at higher input
voltages.
Note 9: ADJ pin bias current flows into the ADJ pin.
Note 10: SHDN pin current flows into the SHDN pin. This current is
included in the specification for GND pin current.
Note 11: Reverse output current is tested with the IN pin grounded and the
OUT pin forced to the rated output voltage. This current flows into the OUT
pin and out the GND pin.
Note 12: For the LT1962, LT1962-1.5 and LT1962-1.8 dropout voltage will
be limited by the minimum input voltage specification under some output
voltage/load conditions. See the curve of Minimum Input Voltage in the
Typical Performance Characteristics. For other fixed voltage versions of
the LT1962, the minimum input voltage is limited by the dropout voltage.
LT1962-1.5 Output Voltage
LT1962-1.8 Output Voltage
TEMPERATURE (
°C)
–50
125
1962 G05
0
50
100
–25
25
75
1.532
1.524
1.516
1.508
1.500
1.492
1.484
1.476
1.468
IL = 1mA
TEMPERATURE (
°C)
–50
125
1962 G06
0
50
100
–25
25
75
1.836
1.827
1.818
1.809
1.800
1.791
1.782
1.773
1.764
IL = 1mA


Similar Part No. - LT1962EMS8-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
More results

Similar Description - LT1962EMS8-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com