Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1962EMS8-3.3 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1962EMS8-3.3
Description  300mA, Low Noise, Micropower LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1962EMS8-3.3 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1962EMS8-3.3 Datasheet HTML 5Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 6Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 7Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 8Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 9Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 10Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 11Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 12Page - Linear Technology LT1962EMS8-3.3 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1962 Series
TYPICAL PERFOR A CE CHARACTERISTICS
Ripple Rejection
Load Regulation
Output Noise Spectral Density
Output Noise Spectral Density
RMS Output Noise
vs Bypass Capacitor
LT1962 Minimum Input Voltage
Input Ripple Rejection
Input Ripple Rejection
FREQUENCY (Hz)
20
30
50
70
80
10
1k
10k
1M
1962 G43
10
100
100k
60
40
0
IL = 300mA
VIN = VOUT(NOMINAL) + 1V
+ 50mVRMS RIPPLE
CBYP = 0
COUT = 10µF
COUT = 3.3µF
FREQUENCY (Hz)
20
30
50
70
80
10
1k
10k
1M
1962 G44
10
100
100k
60
40
0
IL = 300mA
VIN = VOUT(NOMINAL) + 1V
+ 50mVRMS RIPPLE
COUT = 10µF
CBYP = 0.01µF
CBYP = 1000pF
CBYP = 100pF
TEMPERATURE (
°C)
–50
66
25
1962 G45
60
56
–25
0
50
54
52
68
64
62
58
75
100
125
IL = 300mA
VIN = VOUT(NOMINAL) + 1V
+ 0.5VP-P RIPPLE AT f = 120Hz
TEMPERATURE (
°C)
–50
0
0.25
0.75
1.00
1.25
2.50
1.75
0
50
75
1962 G46
0.50
2.00
2.25
1.50
–25
25
100
125
VOUT = 1.22V
IL = 300mA
IL = 1mA
TEMPERATURE (
°C)
–50
–5
0
5
25
75
1962 G47
–10
–15
–25
0
50
100
125
–20
–25
LT1962
LT1962-2.5
LT1962-1.8
LT1962-1.5
VIN = VOUT(NOMINAL) + 1V
∆IL = 1mA TO 300mA
LT1962-3
LT1962-3.3
LT1962-5
FREQUENCY (Hz)
0.1
1
10
1k
10k
100k
1962 G48
0.01
100
10
LT1962
LT1962-2.5
LT1962-1.5
LT1962-5
LT1962-3.3
IL = 300mA
COUT = 10µF
CBYP = 0
LT1962-3
LT1962-1.8
FREQUENCY (Hz)
0.1
1
10
1k
10k
100k
1962 G49
0.01
100
10
LT1962-5
LT1962
IL = 300mA
COUT = 10µF
CBYP = 0.01µF
CBYP = 100pF
CBYP = 1000pF
CBYP (pF)
10
80
120
160
100
1k
10k
1962 G50
40
60
100
140
20
0
IL = 300mA
COUT = 10µF
f = 10Hz to 100kHz
LT1962-5
LT1962-3.3
LT1962-3
LT1962
LT1962-2.5
LT1962-1.8
LT1962-1.5
RMS Output Noise
vs Load Current (10Hz to 100kHz)
LOAD CURRENT (mA)
40
60
100
140
160
0.01
1
10
1000
1962 G51
20
0.1
100
120
80
0
COUT = 10µF
CBYP = 0µF
CBYP = 0.01µF
LT1962-5
LT1962-5
LT1962
LT1962


Similar Part No. - LT1962EMS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962EMS8-3.3 LINER-LT1962EMS8-3.3 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-3.3 LINER-LT1962EMS8-3.3 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-3.3 LINER-LT1962EMS8-3.3 Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
More results

Similar Description - LT1962EMS8-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com