Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1956IFE-5 Datasheet(PDF) 7 Page - Linear Technology

Part # 1956IFE-5
Description  High Voltage, 1.5A, 500kHz Step-Down
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1956IFE-5 Datasheet(HTML) 7 Page - Linear Technology

Back Button 1956IFE-5 Datasheet HTML 3Page - Linear Technology 1956IFE-5 Datasheet HTML 4Page - Linear Technology 1956IFE-5 Datasheet HTML 5Page - Linear Technology 1956IFE-5 Datasheet HTML 6Page - Linear Technology 1956IFE-5 Datasheet HTML 7Page - Linear Technology 1956IFE-5 Datasheet HTML 8Page - Linear Technology 1956IFE-5 Datasheet HTML 9Page - Linear Technology 1956IFE-5 Datasheet HTML 10Page - Linear Technology 1956IFE-5 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LT1956/LT1956-5
1956f
it much easier to frequency compensate the feedback loop
and also gives much quicker transient response.
Most of the circuitry of the LT1956 operates from an
internal 2.9V bias line. The bias regulator normally draws
power from the regulator input pin, but if the BIAS pin is
connected to an external voltage higher than 3V, bias
power will be drawn from the external source (typically the
regulated output voltage). This will improve efficiency if
the BIAS pin voltage is lower than regulator input voltage.
High switch efficiency is attained by using the BOOST pin
to provide a voltage to the switch driver which is higher
than the input voltage, allowing switch to be saturated.
This boosted voltage is generated with an external capaci-
tor and diode. Two comparators are connected to the
shutdown pin. One has a 2.38V threshold for undervoltage
lockout and the second has a 0.4V threshold for complete
shutdown.
The LT1956 is a constant frequency, current mode buck
converter. This means that there is an internal clock and
two feedback loops that control the duty cycle of the power
switch. In addition to the normal error amplifier, there is a
current sense amplifier that monitors switch current on a
cycle-by-cycle basis. A switch cycle starts with an oscilla-
tor pulse which sets the RS flip-flop to turn the switch on.
When switch current reaches a level set by the inverting
input of the comparator, the flip-flop is reset and the
switch turns off. Output voltage control is obtained by
using the output of the error amplifier to set the switch
current trip point. This technique means that the error
amplifier commands current to be delivered to the output
rather than voltage. A voltage fed system will have low
phase shift up to the resonant frequency of the inductor
and output capacitor, then an abrupt 180
° shift will occur.
The current fed system will have 90
° phase shift at a much
lower frequency, but will not have the additional 90
° shift
until well beyond the LC resonant frequency. This makes
BLOCK DIAGRA
Figure 1. LT1956 Block Diagram
+
Σ
VIN
2.9V BIAS
REGULATOR
500kHz
OSCILLATOR
FREQUENCY
FOLDBACK
SW
FB
GND
1, 8, 9, 16
1956 F01
SLOPE COMP
ANTISLOPE COMP
BIAS
INTERNAL
VCC
SYNC
0.4V
5.5
µA
CURRENT
COMPARATOR
RLIMIT
RSENSE
ERROR
AMPLIFIER
gm = 2000µMho
Q2
FOLDBACK
CURRENT
LIMIT
CLAMP
BOOST
RS
FLIP-FLOP
DRIVER
CIRCUITRY
S
R
Q1
POWER
SWITCH
1.22V
4
10
14
SHDN 15
6
2
12
11
VC
LOCKOUT
COMPARATOR
SHUTDOWN
COMPARATOR
2.38V
×1
Q3
VC(MAX)
CLAMP


Similar Part No. - 1956IFE-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
1956IFE-5 LINER-1956IFE-5 Datasheet
288Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down
More results

Similar Description - 1956IFE-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1956EGN LINER-LT1956EGN Datasheet
288Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down
logo
National Semiconductor ...
LM1572 NSC-LM1572 Datasheet
584Kb / 17P
   1.5A, 500kHz Step-down Voltage Regulator
logo
Linear Technology
LT1956-5 LINER-LT1956-5_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956_15 Datasheet
314Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1956 LINER-LT1956 Datasheet
305Kb / 28P
   High Voltage, 1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1977 LINER-LT1977_15 Datasheet
331Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1977 LINER-LT1977 Datasheet
274Kb / 24P
   High Voltage 1.5A, 500kHz Step-Down Switching Regulator with 100uA Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com