Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5379ABC Datasheet(PDF) 10 Page - Analog Devices

Part # AD5379ABC
Description  40-Channel, 14-Bit, Parallel
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5379ABC Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5379ABC Datasheet HTML 6Page - Analog Devices AD5379ABC Datasheet HTML 7Page - Analog Devices AD5379ABC Datasheet HTML 8Page - Analog Devices AD5379ABC Datasheet HTML 9Page - Analog Devices AD5379ABC Datasheet HTML 10Page - Analog Devices AD5379ABC Datasheet HTML 11Page - Analog Devices AD5379ABC Datasheet HTML 12Page - Analog Devices AD5379ABC Datasheet HTML 13Page - Analog Devices AD5379ABC Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
AD5379
Rev. B | Page 9 of 28
PARALLEL INTERFACE
VCC = 2.7 V to 5.5 V; VDD = 11.4 V to 16.5 V; VSS = −11.4 V to −16.5 V; AGND = DGND = DUTGND = 0 V; VREF(+) = 5 V;
VREF(−) = −3.5 V, FIFOEN = 0 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 5.
Parameter1, 2, 3
Limit at TMIN to TMAX
Unit
Description
t0
4.5
ns min
REG0, REG1, address to WR rising edge setup time.
t1
4.5
ns min
REG0, REG1, address to WR rising edge hold time.
t2
10
ns min
CS pulse width low.
t3
10
ns min
WR pulse width low.
t4
0
ns min
CS to WR falling edge setup time.
t5
0
ns min
WR to CS rising edge hold time.
t6
4.5
ns min
Data to WR rising edge setup time.
t7
4.5
ns min
Data to WR rising edge hold time.
t8
20
ns min
WR pulse width high.
t9
240
ns min
Minimum WR cycle time (single-channel write).
t104
0/30
ns min/max
WR rising edge to BUSY falling edge.
t114
330
ns max
BUSY pulse width low (single-channel update). See
.
Table 10
t12
0
ns min
BUSY rising edge to WR rising edge.
t13
30
ns min
WR rising edge to LDAC falling edge.
t14
20
ns min
LDAC pulse width low.
t154
150
ns typ
BUSY rising edge to DAC output response time.
t16
20
ns min
LDAC rising edge to WR rising edge.
t17
0
ns min
BUSY rising edge to LDAC falling edge.
t18
100
ns typ
LDAC falling edge to DAC output response time.
t19
20/30
μs typ/ max
DAC output settling time.
t20
10
ns min
CLR pulse width low.
t21
350
ns max
CLR/RESET pulse activation time.
t22
10
ns min
RESET pulse width low.
t23
120
μs max
RESET time indicated by BUSY low.
1 Guaranteed by design and characterization, not production tested.
2 All input signals are specified with tr = tf = 2 ns (10% to 90% of VCC), and timed from a voltage level of 1.2 V.
3 See Figure 6.
4 Measured with load circuit shown in Figure 2.


Similar Part No. - AD5379ABC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5379ABC AD-AD5379ABC Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5379ABC AD-AD5379ABC Datasheet
393Kb / 28P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. 0
More results

Similar Description - AD5379ABC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5379 AD-AD5379_15 Datasheet
630Kb / 29P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. B
AD5379 AD-AD5379 Datasheet
393Kb / 28P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. 0
logo
Maxim Integrated Produc...
MAX1319 MAXIM-MAX1319 Datasheet
256Kb / 20P
   526ksps, Single-Channel, 14-Bit, Parallel-Interface ADCs
19-3592; Rev 0; 2/05
logo
Analog Devices
AD5371 AD-AD5371 Datasheet
300Kb / 25P
   40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Rev. PrF
logo
M/A-COM Technology Solu...
MADR-011007 MA-COM-MADR-011007_15 Datasheet
637Kb / 5P
   40-bit Serial to Parallel Driver
logo
Analog Devices
AD5380 AD-AD5380 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
AD5380 AD-AD5380_15 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
REV. D
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD5378 AD-AD5378 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com