Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5527 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5527
Description  400MHz to 3.7GHz 5V High Signal Level
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5527 Datasheet(HTML) 5 Page - Linear Technology

  LT5527 Datasheet HTML 1Page - Linear Technology LT5527 Datasheet HTML 2Page - Linear Technology LT5527 Datasheet HTML 3Page - Linear Technology LT5527 Datasheet HTML 4Page - Linear Technology LT5527 Datasheet HTML 5Page - Linear Technology LT5527 Datasheet HTML 6Page - Linear Technology LT5527 Datasheet HTML 7Page - Linear Technology LT5527 Datasheet HTML 8Page - Linear Technology LT5527 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT5527
5
5527fa
Conversion Gain, IIP3 and SSB
NF vs RF Frequency
3500MHz Conversion Gain, IIP3
and SSB NF vs LO Power
LO Leakage and RF-LO Isolation
vs LO and RF Frequency
Conversion Gain, IIP3 and NF
vs RF Frequency
450MHz Conversion Gain,
IIP3 and NF vs LO Power
LO Leakage vs LO Frequency
IF Output Power, IM3 and IM5 vs
RF Input Power (2 Input Tones)
IFOUT, 2 × 2 and 3 × 3 Spurs
vs RF Input Power (Single Tone)
2
× 2 and 3 × 3 Spurs
vs LO Power (Single Tone)
RF INPUT POWER (dBm/TONE)
–21
–70
–10
0
10
–15
–9
–6
5527 G10
–90
–30
–50
–80
–20
–100
–40
–60
–18
–12
–3
0
TA = 25°C
RF1 = 1899.5MHz
RF2 = 1900.5MHz
LO = 1660MHz
IFOUT
IM3
IM5
RF INPUT POWER (dBm)
–15
–35
–15
15
5
9
5527 G11
–55
–75
–45
–25
–5
–65
–85
–95
–9
–3
3
–12
–18
–6
0
6
12
IFOUT
(RF = 1900MHz)
TA = 25°C
LO = 1660MHz
IF = 240MHz
2RF-2LO
(RF = 1780MHz)
3RF-3LO
(RF = 1740MHz)
LO INPUT POWER (dBm)
–9
–100
–90
–80
–70
–7
–5
–3
–1
5527 G12
1
–60
–50
–95
–85
–75
–65
–55
3
3RF-3LO
(RF = 1740MHz)
TA = 25°C
LO = 1660MHz
IF = 240MHz
PRF = –5dBm
2RF-2LO
(RF = 1780MHz)
RF FREQUENCY (MHz)
3300
0
2
6
8
10
20
14
3400
3500
5527 G13
4
16
18
12
3600
3700
IIP3
LOW SIDE LO
IF = 380MHz
TA = 25°C
GC
SSB NF
LO INPUT POWER (dBm)
–9
–1
3
7
11
–7
–5
–3
–1
5527 G14
1
15
19
IIP3
SSB NF
GC
1
5
9
13
17
3
LOW SIDE LO
IF = 380MHz
TA = 25°C
LO/RF FREQUENCY (MHz)
3000
–50
–40
3800
5527 G15
–60
–70
3200
3400
3600
–20
–30
LO-RF
LO-IF
RF-LO
30
40
20
10
60
50
RF FREQUENCY (MHz)
400
12
18
20
500
5527 G18
10
8
0
425
450
475
4
24
22
IIP3
SSB NF
GC
16
14
6
2
HIGH SIDE LO
TA = 25°C
IF = 140MHz
LO FREQUENCY (MHz)
400
–80
–70
–60
–50
–40
–30
–20
600
800
1000
1200
5527 G20
LO-IF
(450MHz APP)
LO-RF
(450MHz APP)
LO-RF
(900MHz APP)
TA = 25°C
PLO = 0dBm
LO-IF
(900MHz APP)
High Band (3500MHz application with external RF matching) VCC = 5V, EN = High, PRF = –5dBm (–5dBm/tone for 2-tone IIP3 tests,
Δf = 1MHz), low side LO, PLO = –3dBm, IF output measured at 380MHz, unless otherwise noted. Test circuit shown in Figure 1.
Low Band (450MHz application with external RF/LO matching) VCC = 5V, EN = High, PRF = –5dBm (–5dBm/tone for 2-tone IIP3 tests,
Δf = 1MHz), PLO = 0dBm, IF output measured at 140MHz, unless otherwise noted. Test circuit shown in Figure 1.
LO INPUT POWER (dBm)
–6
0
4
8
12
16
24
–4
–2
0
2
5527 G19
46
20
2
6
10
14
22
18
IIP3
GC
HIGH SIDE LO
IF = 140MHz
–40°C
25°C
85°C
SSB NF
TYPICAL AC PERFORMANCE CHARACTERISTICS Midband (No external RF/LO matching)
VCC = 5V, EN = High, PRF = –5dBm (–5dBm/tone for 2-tone IIP3 tests, Δf = 1MHz), PLO = –3dBm, IF output measured at 240MHz, unless
otherwise noted. Test circuit shown in Figure 1.


Similar Part No. - LT5527

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5527 LINER-LT5527 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5527 LINER-LT5527 Datasheet
197Kb / 16P
   400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
LT5527 LINER-LT5527 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LT5527 LINER-LT5527 Datasheet
644Kb / 34P
   Dual 14-Bit 250Msps
LT5527 LINER-LT5527 Datasheet
1,000Kb / 36P
   300MHz Digital Predistortion Receiver
More results

Similar Description - LT5527

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5527 LINER-LT5527_15 Datasheet
208Kb / 16P
   400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
LT5527 LINER-LT5527 Datasheet
197Kb / 16P
   400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
LT5522 LINER-LT5522_15 Datasheet
267Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5522 LINER-LT5522 Datasheet
261Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5557 LINER-LT5557 Datasheet
236Kb / 16P
   400MHz to 3.8GHz 3.3V High Signal Level Downconverting Mixer
logo
Micrel Semiconductor
SY89429V MICREL-SY89429V Datasheet
138Kb / 9P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER 25MHz to 400MHz
SY89429V MICREL-SY89429V_06 Datasheet
609Kb / 10P
   5V/3.3V PROGRAMMABLE FREQUENCY SYNTHESIZER (25MHz to 400MHz)
logo
ON Semiconductor
ENA1771B ONSEMI-ENA1771B Datasheet
370Kb / 7P
   Oscillator, 5V, 6.4dBm@400MHz, SCH6
August, 2013
logo
Toshiba Semiconductor
TIM3742-12UL TOSHIBA-TIM3742-12UL_09 Datasheet
144Kb / 4P
   HIGH POWER P1dB=41.5dBm at 3.7GHz to 4.2GHz
TIM3742-16UL TOSHIBA-TIM3742-16UL Datasheet
51Kb / 4P
   HIGH POWER P1dB=42.5dBm at 3.7GHz to 4.2GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com