Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7226KP Datasheet(PDF) 7 Page - Analog Devices

Part # AD7226KP
Description  LC2MOS Quad 8-Bit D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7226KP Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7226KP Datasheet HTML 3Page - Analog Devices AD7226KP Datasheet HTML 4Page - Analog Devices AD7226KP Datasheet HTML 5Page - Analog Devices AD7226KP Datasheet HTML 6Page - Analog Devices AD7226KP Datasheet HTML 7Page - Analog Devices AD7226KP Datasheet HTML 8Page - Analog Devices AD7226KP Datasheet HTML 9Page - Analog Devices AD7226KP Datasheet HTML 10Page - Analog Devices AD7226KP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV.
Typical Performance Characteristics–AD7226
–7–
(TA = 25 C, VDD = 15 V, VSS = –5 V)
INPUT CODE (DECIMAL EQUIVALENT)
2.0
0
16
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
32 48 64 80 96 112 128 144 160 176 192 208 224 240 256
VREF = 10V
TPC 1. Channel-to-Channel Matching
VREF (V)
014
2468
10
12
4
3
2
1
0
–1
–2
–3
–4
AD7226K, B
TPC 2. Relative Accuracy vs. VREF
VREF (V)
014
2468
10
12
4
3
2
1
0
–1
–2
–3
–4
AD7226K, B
TPC 3. Differential Nonlinearity vs. VREF
TEMPERATURE ( C)
2.0
010
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
20
30
40
50
60
70
80
90
100 110 120 130
VOUTA
VOUTB
VOUTC
VOUTD
TPC 4. Zero Code Error vs. Temperature
D


Similar Part No. - AD7226KP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7226KP AD-AD7226KP Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
AD7226KP AD-AD7226KP Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226KP-REEL AD-AD7226KP-REEL Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226KPZ AD-AD7226KPZ Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226KPZ-REEL AD-AD7226KPZ-REEL Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results

Similar Description - AD7226KP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226 AD-AD7226_15 Datasheet
423Kb / 16P
   LC MOS Quad 8-Bit D/A Converter
REV. D
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
Analog Devices
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com