Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1294 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1294
Description  Single Chip 12-Bit Data Acquisition System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1294 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1294 Datasheet HTML 6Page - Linear Technology LTC1294 Datasheet HTML 7Page - Linear Technology LTC1294 Datasheet HTML 8Page - Linear Technology LTC1294 Datasheet HTML 9Page - Linear Technology LTC1294 Datasheet HTML 10Page - Linear Technology LTC1294 Datasheet HTML 11Page - Linear Technology LTC1294 Datasheet HTML 12Page - Linear Technology LTC1294 Datasheet HTML 13Page - Linear Technology LTC1294 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
LTC1293/LTC1294/LTC1296
129346fs
Start Bit
The first "logical one" clocked into the DIN input after CS
goes low is the start bit. The start bit initiates the data
transfer and all leading zeroes which precede this logical
one will be ignored. After the start bit is received the
remaining bits of the input word will be clocked in. Further
inputs on the DIN pin are then ignored until the next CS
cycle.
S
APPLICATI
I FOR ATIO
The LTC 1293/4/6 is a data acquisition component which
contains the following functional blocks:
1. 12-bit successive approximation capacitive A/D
converter
2. Analog multiplexer (MUX)
3. Sample and hold (S/H)
4. Synchronous, half duplex serial interface
5. Control and timing logic
DIGITAL CONSIDERATIONS
Serial Interface
The LTC1293/4/6 communicates with microprocessors
and other external circuitry via a synchronous, half duplex,
four-wire serial interface (see Operating Sequence). The
clock (CLK) synchronizes the data transfer with each bit
being transmitted on the falling CLK edge and captured on
the rising CLK edge in both transmitting and receiving
systems. The input data is first received and then the A/D
conversion result is transmitted (half duplex). Because of
INPUT DATA WORD
The LTC1293/4/6 seven-bit data word is clocked into the
DIN input on the rising edge of the clock after chip select
goes low and the start bit has been recognized. Further
inputs on the DIN pin are then ignored until the next CS
cycle. The input word is defined as follows:
the half duplex operation DIN and DOUT may be tied
together allowing transmission over just 3 wired: CS, CLK
and DATA (DIN/DOUT). Data transfer is initiated by a falling
chip select (CS) signal. After CS falls the LTC1293/4/6
looks for a start bit. After the start bit is received a 7-bit
input word is shifted into the DIN input which configures
the LTC1293/4/6 and starts the conversion. After one null
bit, the result of the conversion is output on the DOUT line.
With the half duplex serial interface the DOUT data is from
the current conversion. After the end of the data exchange
CS should be brought high. This resets the LTC1293/4/6
in preparation for the next data exchange.
CS
DIN 1
DIN 2
DOUT 2
DOUT 1
SHIFT MUX
ADDRESS IN
1 NULL
BIT
SHIFT A/D CONVERSION
RESULT OUT
LTC1293 AI01
MUX Address
The four bits of the input word following the START BIT
assign the MUX configuration for the requested conver-
sion. For a given channel selection, the converter will
measure the voltage between the two channels indicated
by the + and – signs in the selected row of the following
table. Note that in differential mode (SGL/DIFF = 0) mea-
surements are limited to four adjacent input pairs with
either polarity. In single ended mode, all input channels
are measured with respect to COM. Only the +inputs have
sample and holds. Signals applied at the –inputs must not
change more than the required accuracy during the con-
version.
START
SGL/
DIFF
ODD/
SIGN
SELECT
1
SELECT
0
UNI
MSBF
PS
MUX ADDRESS
MSB FIRST/
LSB FIRST
UNIPOLAR/
BIPOLAR
POWER
SHUTDOWN
LTC1293 AI02


Similar Part No. - LTC1294

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1294 LINER-LTC1294 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294 Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294 Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294BC LINER-LTC1294BC Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294BCJ LINER-LTC1294BCJ Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1294

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com