Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1199CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1199CS8
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1199CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1199CS8 Datasheet HTML 7Page - Linear Technology LTC1199CS8 Datasheet HTML 8Page - Linear Technology LTC1199CS8 Datasheet HTML 9Page - Linear Technology LTC1199CS8 Datasheet HTML 10Page - Linear Technology LTC1199CS8 Datasheet HTML 11Page - Linear Technology LTC1199CS8 Datasheet HTML 12Page - Linear Technology LTC1199CS8 Datasheet HTML 13Page - Linear Technology LTC1199CS8 Datasheet HTML 14Page - Linear Technology LTC1199CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LTC1197/LTC1197L
LTC1199/LTC1199L
Load Circuit for tdDO, tr, tf, tdis and ten
Voltage Waveforms for DOUT Rise and Fall Times, tr, tf
DOUT
3k
20pF
TEST POINT
VCC tdis WAVEFORM 2, ten
tdis WAVEFORM 1
1197/99 TC01
DOUT
tr
tf
1197/99 TC04
VOH
VOL
Voltage Waveforms for DOUT Delay Time, tdDO
Voltage Waveforms for tdis
CLK
DOUT
VIH
tdDO
thDO
VOH
VOL
1197/99 TC02
DOUT
WAVEFORM 1
(SEE NOTE 1)
VIH
tdis
90%
10%
DOUT
WAVEFORM 2
(SEE NOTE 2)
CS
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL
1197/99 TC05
LTC1197/LTC1197L ten Voltage Waveforms
1197/99 TC03
CS
4
3
2
1
CLK
DOUT
ten
12
3
4
5
6
DIN
CLK
DOUT
START
ten
1197/99 TC06
CS
LTC1199/LTC1199L ten Voltage Waveforms
TEST CIRCUITS


Similar Part No. - LTC1199CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1199CS8 LINER-LTC1199CS8 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
More results

Similar Description - LTC1199CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1197L LINER-LTC1197L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199 LINER-LTC1199_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197 LINER-LTC1197 Datasheet
446Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1197 LINER-LTC1197_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1199L LINER-LTC1199L_15 Datasheet
314Kb / 28P
   10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_1 Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com