Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7564BRS-REEL Datasheet(PDF) 2 Page - Analog Devices

Part # AD7564BRS-REEL
Description  LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7564BRS-REEL Datasheet(HTML) 2 Page - Analog Devices

  AD7564BRS-REEL Datasheet HTML 1Page - Analog Devices AD7564BRS-REEL Datasheet HTML 2Page - Analog Devices AD7564BRS-REEL Datasheet HTML 3Page - Analog Devices AD7564BRS-REEL Datasheet HTML 4Page - Analog Devices AD7564BRS-REEL Datasheet HTML 5Page - Analog Devices AD7564BRS-REEL Datasheet HTML 6Page - Analog Devices AD7564BRS-REEL Datasheet HTML 7Page - Analog Devices AD7564BRS-REEL Datasheet HTML 8Page - Analog Devices AD7564BRS-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Parameter
B Grade
1
Units
Test Conditions/Comments
ACCURACY
Resolution
12
Bits
1 LSB = VREF/2
12 = 2.44 mV when V
REF = 10 V
Relative Accuracy
±0.5
LSB max
Differential Nonlinearity
±0.5
LSB max
All Grades Guaranteed Monotonic Over Temperature
Gain Error
+25
°C
±4
LSBs max
TMIN to TMAX
±5
LSBs max
Gain Temperature Coefficient
2
2
ppm FSR/
°C typ
5
ppm FSR/
°C max
Output Leakage Current
IOUT1
@ +25
°C
10
nA max
TMIN to TMAX
50
nA max
REFERENCE INPUT
Input Resistance
6
k
Ω min
Typical Input Resistance = 9.5 k
13
k
Ω max
Ladder Resistance Mismatch
2
% max
Typically 0.6%
DIGITAL INPUTS
VINH, Input High Voltage
2.4
V min
VINL, Input Low Voltage
0.8
V max
IINH, Input Current
±1
µA max
CIN, Input Capacitance
2
10
pF max
DIGITAL OUTPUT (SDOUT)
Output Low Voltage (VOL)
0.4
V max
Load Circuit as in Figure 2.
Output High Voltage (VOH)
4.0
V min
POWER REQUIREMENTS
VDD Range
4.75/5.25
V min/V max
Part Functions from 3.3 V to 5.25 V
Power Supply Rejection
2
∆Gain/∆V
DD
–75
dB typ
IDD
10
µA max
VINH = VDD, VINL = 0 V
At Input Levels of 0.8 V and 2.4 V, IDD is
Typically 2 mA.
NOTES
1Temperature range is as follows: B Version: –40
°C to +85°C.
2Not production tested. Guaranteed by characterization at initial product release.
Specifications subject to change without notice.
REV.
Normal Mode
AD7564–SPECIFICATIONS
(VDD = +4.75 V to +5.25 V; IOUT1A to IOUT1D = IOUT2A = IOUT2D = AGND = 0 V; VREF = +10 V; TA = TMIN to TMAX,
unless otherwise noted)
–2–
B


Similar Part No. - AD7564BRS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7564BRS AD-AD7564BRS Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
More results

Similar Description - AD7564BRS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7564 AD-AD7564 Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
AD7564 AD-AD7564_15 Datasheet
468Kb / 17P
   3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
AD7883 AD-AD7883 Datasheet
349Kb / 12P
   LC2MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com