Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7564BRSZ-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD7564BRSZ-REEL
Description  LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7564BRSZ-REEL Datasheet(HTML) 5 Page - Analog Devices

  AD7564BRSZ-REEL Datasheet HTML 1Page - Analog Devices AD7564BRSZ-REEL Datasheet HTML 2Page - Analog Devices AD7564BRSZ-REEL Datasheet HTML 3Page - Analog Devices AD7564BRSZ-REEL Datasheet HTML 4Page - Analog Devices AD7564BRSZ-REEL Datasheet HTML 5Page - Analog Devices AD7564BRSZ-REEL Datasheet HTML 6Page - Analog Devices AD7564BRSZ-REEL Datasheet HTML 7Page - Analog Devices AD7564BRSZ-REEL Datasheet HTML 8Page - Analog Devices AD7564BRSZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
–5–
REV.
3
AD7564
Timing Specifications1 (T
A = TMIN to TMAX unless otherwise noted)
Limit at
Limit at
Parameter
VDD = +3 V to +3.6 V VDD = +4.75 V to +5.25 V
Units
Description
t1
180
100
ns min
CLKIN Cycle Time
t2
80
40
ns min
CLKIN High Time
t3
80
40
ns min
CLKIN Low Time
t4
50
30
ns min
FSIN
Setup Time
t5
50
30
ns min
Data Setup Time
t6
10
5
ns min
Data Hold Time
t7
125
90
ns min
FSIN
Hold Time
t8
2
100
70
ns max
SDOUT Valid After CLKIN Falling Edge
t9
80
40
ns min
LDAC
, CLR Pulse Width
NOTES
1Not production tested. Guaranteed by characterization at initial product release. All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed
from a voltage level of 1.6 V for a VDD of 5 V and from a voltage level 1.35 V for a VDD of 3.3 V.
2t
8 is measured with the load circuit of Figure 2 and defined as the time required for the output to cross 0.8 V or 2.4 V with a VDD of 5 V and 0.6 V or 2.1 V for a VDD
of 3.3 V.
DB15
DB15
DB0
t
2
t
3
t
4
t
5
t
7
t
8
t
9
DB0
t
6
t1
FSIN(I)
CLKIN(I)
SDIN(I)
SDOUT(O)
LDAC, CLR
Figure 1. Timing Diagram
1.6mA
+1.6V
200µA
CL
50pF
TO OUTPUT
PIN
IOL
IOH
Figure 2. Load Circuit for Digital Output Timing Specifications
B


Similar Part No. - AD7564BRSZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7564BRS AD-AD7564BRS Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
More results

Similar Description - AD7564BRSZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7564 AD-AD7564 Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
AD7564 AD-AD7564_15 Datasheet
468Kb / 17P
   3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
AD7883 AD-AD7883 Datasheet
349Kb / 12P
   LC2MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com