Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9740-EB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9740-EB
Description  10-Bit, 210 MSPS TxDAC D/A Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9740-EB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9740-EB Datasheet HTML 5Page - Analog Devices AD9740-EB Datasheet HTML 6Page - Analog Devices AD9740-EB Datasheet HTML 7Page - Analog Devices AD9740-EB Datasheet HTML 8Page - Analog Devices AD9740-EB Datasheet HTML 9Page - Analog Devices AD9740-EB Datasheet HTML 10Page - Analog Devices AD9740-EB Datasheet HTML 11Page - Analog Devices AD9740-EB Datasheet HTML 12Page - Analog Devices AD9740-EB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD9740
Rev. B | Page 9 of 32
TERMINOLOGY
Linearity Error (Also Called Integral Nonlinearity or INL)
Linearity error is defined as the maximum deviation of the
actual analog output from the ideal output, determined by a
straight line drawn from zero to full scale.
Differential Nonlinearity (or DNL)
DNL is the measure of the variation in analog value, normalized
to full scale, associated with a 1 LSB change in digital input code.
Monotonicity
A DAC is monotonic if the output either increases or remains
constant as the digital input increases.
Offset Error
The deviation of the output current from the ideal of zero is
called the offset error. For IOUTA, 0 mA output is expected
when the inputs are all 0s. For IOUTB, 0 mA output is expected
when all inputs are set to 1s.
Gain Error
The difference between the actual and ideal output span. The
actual span is determined by the output when all inputs are set
to 1s minus the output when all inputs are set to 0s.
Output Compliance Range
The range of allowable voltage at the output of a current output
DAC. Operation beyond the maximum compliance limits can
cause either output stage saturation or breakdown, resulting in
nonlinear performance.
Temperature Drift
Temperature drift is specified as the maximum change from the
ambient (25°C) value to the value at either TMIN or TMAX. For
offset and gain drift, the drift is reported in ppm of full-scale
range (FSR) per °C. For reference drift, the drift is reported in
ppm per °C.
Power Supply Rejection
The maximum change in the full-scale output as the supplies
are varied from nominal to minimum and maximum specified
voltages.
Settling Time
The time required for the output to reach and remain within a
specified error band about its final value, measured from the
start of the output transition.
Glitch Impulse
Asymmetrical switching times in a DAC give rise to undesired
output transients that are quantified by a glitch impulse. It is
specified as the net area of the glitch in pV-s.
Spurious-Free Dynamic Range
The difference, in dB, between the rms amplitude of the output
signal and the peak spurious signal over the specified bandwidth.
T
T
otal Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first six harmonic
components to the rms value of the measured input signal. It is
expressed as a percentage or in decibels (dB).
Multitone Power Ratio
The spurious-free dynamic range containing multiple carrier
tones of equal amplitude. It is measured as the difference
between the rms amplitude of a carrier tone to the peak
spurious signal in the region of a removed tone.
150pF
1.2V REF
AVDD
ACOM
REFLO
PMOS
CURRENT SOURCE
ARRAY
SEGMENTED SWITCHES
FOR DB9–DB1
LSB
SWITCHES
REFIO
FS ADJ
DVDD
DCOM
CLOCK
3.3V
RSET
2k
Ω
0.1
μF
DVDD
DCOM
IOUTA
IOUTB
AD9740
SLEEP
50
Ω
RETIMED
CLOCK
OUTPUT*
LATCHES
DIGITAL
DATA
TEKTRONIX AWG-2021
WITH OPTION 4
LECROY 9210
PULSE GENERATOR
CLOCK
OUTPUT
50
Ω
ROHDE & SCHWARZ
FSEA30
SPECTRUM
ANALYZER
MINI-CIRCUITS
T1-1T
*AWG2021 CLOCK RETIMED
SO THAT THE DIGITAL DATA
TRANSITIONS ON FALLING EDGE
OF 50% DUTY CYCLE CLOCK.
3.3V
MODE
50
Ω
Figure 5. Basic AC Characterization Test Setup (SOIC/TSSOP Packages)


Similar Part No. - AD9740-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9740-EB AD-AD9740-EB Datasheet
743Kb / 20P
   10-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
More results

Similar Description - AD9740-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9740 AD-AD9740_15 Datasheet
1Mb / 32P
   10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9748 AD-AD9748_15 Datasheet
712Kb / 24P
   8-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9410 AD-AD9410 Datasheet
315Kb / 20P
   10-Bit, 210 MSPS A/D Converter
REV. 0
AD9760 AD-AD9760 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9740 AD-AD9740 Datasheet
743Kb / 20P
   10-Bit, 165 MSPS TxDAC D/A Converter
REV. 0
AD9763 AD-AD9763 Datasheet
460Kb / 28P
   10-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
AD9750 AD-AD9750 Datasheet
302Kb / 22P
   10-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9751 AD-AD9751 Datasheet
714Kb / 26P
   10-Bit, 300 MSPS High-Speed TxDAC D/A Converter
REV. 0
AD9708 AD-AD9708 Datasheet
246Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com