Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4154BRU Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4154BRU
Description  Fractional-N Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4154BRU Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4154BRU Datasheet HTML 3Page - Analog Devices ADF4154BRU Datasheet HTML 4Page - Analog Devices ADF4154BRU Datasheet HTML 5Page - Analog Devices ADF4154BRU Datasheet HTML 6Page - Analog Devices ADF4154BRU Datasheet HTML 7Page - Analog Devices ADF4154BRU Datasheet HTML 8Page - Analog Devices ADF4154BRU Datasheet HTML 9Page - Analog Devices ADF4154BRU Datasheet HTML 10Page - Analog Devices ADF4154BRU Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADF4154
Rev. C | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Loop bandwidth = 20 kHz; reference = 250 MHz; VCO = Vari-L Company, Inc., VCO190-1750T; evaluation board = EVAL-ADF4154EB1;
measurements taken with the Agilent E5500 phase noise measurement system.
–30
–60
–80
–140
–130
–120
–110
–150
–160
–170
–90
–100
–70
–50
–40
20kHz LOOP BW, LOW NOISE MODE
RF = 1.7202MHz, PFD = 25MHz, N = 68,
FRAC = 101, MOD = 125, ICP = 625µA, DSB
INTEGRATED PHASE ERROR = 0.23° rms
SIRENZA 1750T VCO
1k
10k
1M
10M
100M
100k
FREQUENCY (Hz)
Figure 5. Single-Sideband Phase Noise Plot (Lowest Noise Mode)
–30
–60
–80
–140
–130
–120
–110
–150
–160
–170
–90
–100
–70
–50
–40
1k
10k
1M
10M
100M
100k
FREQUENCY (Hz)
20kHz LOOP BW, LOW NOISE AND SPUR MODE
RF = 1.7202MHz, PFD = 25MHz, N = 68,
FRAC = 101, MOD = 125, ICP = 625µA, DSB
INTEGRATED PHASE ERROR = 0.33° rms
SIRENZA 1750T VCO
Figure 6. Single-Sideband Phase Noise Plot
(Low Noise Mode and Spur Mode)
–30
–60
–80
–140
–130
–120
–110
–150
–160
–170
–90
–100
–70
–50
–40
1k
10k
1M
10M
100M
100k
FREQUENCY (Hz)
20kHz LOOP BW, LOW SPUR MODE
RF = 1.7202MHz, PFD = 25MHz, N = 68,
FRAC = 101, MOD = 125, ICP = 625µA, DSB
INTEGRATED PHASE ERROR = 0.36° rms
SIRENZA 1750T VCO
Figure 7. Single-Sideband Phase Noise Plot (Lowest Spur Mode)
PHASE DETECTOR FREQUENCY (kHz)
–130
–140
–150
–160
–170
100
1000
10000
100000
Figure 8. PFD Noise Floor vs. PFD Frequency (Lowest Noise Mode)
FREQUENCY (GHz)
5
0
–5
–10
–20
–15
–25
–30
–35
0
0.5
1.0
1.5
4.0
3.5
3.0
2.5
2.0
4.5
P = 4/5
P = 8/9
Figure 9. RF Input Sensitivity
VCP (V)
6
0
–6
4
2
–2
–4
–5
–3
–1
1
3
5
0
1
2
3
4
5
Figure 10. Charge Pump Output Characteristics


Similar Part No. - ADF4154BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4154BRU AD-ADF4154BRU Datasheet
470Kb / 20P
   Fractional-N Frequency Synthesizer
REV. 0
ADF4154BRU-REEL AD-ADF4154BRU-REEL Datasheet
470Kb / 20P
   Fractional-N Frequency Synthesizer
REV. 0
ADF4154BRU-REEL7 AD-ADF4154BRU-REEL7 Datasheet
470Kb / 20P
   Fractional-N Frequency Synthesizer
REV. 0
More results

Similar Description - ADF4154BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
ADF4154 AD-ADF4154_15 Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
REV. C
logo
Cirrus Logic
CS2200-OTP CIRRUS-CS2200-OTP_09 Datasheet
189Kb / 24P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153A AD-ADF4153A Datasheet
358Kb / 24P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com