Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMC331-ADVEVALKIT Datasheet(PDF) 8 Page - Analog Devices

Part # ADMC331-ADVEVALKIT
Description  Single Chip DSP Motor Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMC331-ADVEVALKIT Datasheet(HTML) 8 Page - Analog Devices

Back Button ADMC331-ADVEVALKIT Datasheet HTML 4Page - Analog Devices ADMC331-ADVEVALKIT Datasheet HTML 5Page - Analog Devices ADMC331-ADVEVALKIT Datasheet HTML 6Page - Analog Devices ADMC331-ADVEVALKIT Datasheet HTML 7Page - Analog Devices ADMC331-ADVEVALKIT Datasheet HTML 8Page - Analog Devices ADMC331-ADVEVALKIT Datasheet HTML 9Page - Analog Devices ADMC331-ADVEVALKIT Datasheet HTML 10Page - Analog Devices ADMC331-ADVEVALKIT Datasheet HTML 11Page - Analog Devices ADMC331-ADVEVALKIT Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ADMC331
–8–
REV. B
BUS
EXCHANGE
DATA
ADDRESS
GENERATOR
#2
DATA
ADDRESS
GENERATOR
#1
14
14
24
16
6
R BUS
16
COMPANDING
CIRCUITRY
DMA BUS
PMA BUS
DMD BUS
PMD BUS
PROGRAM
SEQUENCER
INSTRUCTION
REGISTER
INPUT REGS
OUTPUT REGS
SHIFTER
INPUT REGS
OUTPUT REGS
MAC
INPUT REGS
OUTPUT REGS
ALU
SERIAL
PORT 0
RECEIVE REG
TRANSMIT REG
CONTROL
LOGIC
DM RAM
1K
16
PM ROM
2K
24
PM RAM
2K
24
SERIAL
PORT 1
RECEIVE REG
TRANSMIT REG
5
TIMER
Figure 3. DSP Core Block Diagram
DSP CORE ARCHITECTURE OVERVIEW
Figure 3 is an overall block diagram of the DSP core of the
ADMC331, which is based on the fixed-point ADSP-2171. The
flexible architecture and comprehensive instruction set of the
ADSP-2171 allows the processor to perform multiple operations
in parallel. In one processor cycle (38.5 ns with a 13 MHz
CLKIN) the DSP core can:
• Generate the next program address.
• Fetch the next instruction.
• Perform one or two data moves.
• Update one or two data address pointers.
• Perform a computational operation.
This all takes place while the processor continues to:
• Receive and transmit through the serial ports.
• Decrement the interval timer.
• Generate three-phase PWM waveforms for a power inverter.
• Generate two signals using the 8-bit auxiliary PWM timers.
• Acquire four analog signals.
• Decrement the watchdog timer.
The processor contains three independent computational units:
the arithmetic and logic unit (ALU), the multiplier/accumulator
(MAC) and the shifter. The computational units process 16-bit
data directly and have provisions to support multiprecision com-
putations. The ALU performs a standard set of arithmetic and
logic operations; division primitives are also supported. The
MAC performs single-cycle multiply, multiply/add, multiply/
subtract operations with 40 bits of accumulation. The shifter
performs logical and arithmetic shifts, normalization, denormalization
and derive exponent operations. The shifter can be used to effi-
ciently implement numeric format control including floating-
point representations.
The internal result (R) bus directly connects the computational
units so that the output of any unit may be the input of any unit
on the next cycle.
A powerful program sequencer and two dedicated data address
generators ensure efficient delivery of operands to these computa-
tional units. The sequencer supports conditional jumps and
subroutine calls and returns in a single cycle. With internal loop
counters and loop stacks, the ADMC331 executes looped code
with zero overhead; no explicit jump instructions are required
to maintain the loop.
Two data address generators (DAGs) provide addresses for
simultaneous dual operand fetches from data memory and
program memory. Each DAG maintains and updates four ad-
dress pointers (I registers). Whenever the pointer is used to
access data (indirect addressing), it is post-modified by the
value in one of four modify (M registers). A length value may
be associated with each pointer (L registers) to implement auto-
matic modulo addressing for circular buffers. The circular buff-
ering feature is also used by the serial ports for automatic data
transfers to and from on-chip memory. DAG1 generates only
data memory address but provides an optional bit-reversal
capability. DAG2 may generate either program or data memory
addresses, but has no bit-reversal capability.
Efficient data transfer is achieved with the use of five internal
buses:
• Program Memory Address (PMA) Bus
• Program Memory Data (PMD) Bus
• Data Memory Address (DMA) Bus
• Data Memory Data (DMD) Bus
• Result (R) Bus


Similar Part No. - ADMC331-ADVEVALKIT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC331-ADVEVALKIT AD-ADMC331-ADVEVALKIT Datasheet
248Kb / 36P
   Single Chip DSP Motor Controller
REV. B
More results

Similar Description - ADMC331-ADVEVALKIT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMC331 AD-ADMC331_15 Datasheet
247Kb / 36P
   Single Chip DSP Motor Controller
REV. B
ADMC330 AD-ADMC330 Datasheet
163Kb / 20P
   Single Chip DSP Motor Controller
REV. 0
ADMC331 AD-ADMC331 Datasheet
248Kb / 36P
   Single Chip DSP Motor Controller
REV. B
ADMC401 AD-ADMC401_15 Datasheet
414Kb / 60P
   Single-Chip, DSP-Based High Performance Motor Controller
REV. B
ADMC401 AD-ADMC401 Datasheet
417Kb / 60P
   Single-Chip, DSP-Based High Performance Motor Controller
REV. B
ADMC300 AD-ADMC300 Datasheet
297Kb / 42P
   High Performance DSP-Based Motor Controller
REV. B
ADMC300 AD-ADMC300_15 Datasheet
296Kb / 42P
   High Performance DSP-Based Motor Controller
REV. B
ADMC326 AD-ADMC326 Datasheet
219Kb / 31P
   28-Lead ROM-Based DSP Motor Controller
REV. A
ADMCF326 AD-ADMCF326_15 Datasheet
528Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. B
ADMCF326 AD-ADMCF326 Datasheet
242Kb / 36P
   28-Lead Flash Memory DSP Motor Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com