Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT231XQ-x Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FT231XQ-x
Description  Future Technology Devices International Ltd FT231X
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT231XQ-x Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FT231XQ-x Datasheet HTML 3Page - List of Unclassifed Manufacturers FT231XQ-x Datasheet HTML 4Page - List of Unclassifed Manufacturers FT231XQ-x Datasheet HTML 5Page - List of Unclassifed Manufacturers FT231XQ-x Datasheet HTML 6Page - List of Unclassifed Manufacturers FT231XQ-x Datasheet HTML 7Page - List of Unclassifed Manufacturers FT231XQ-x Datasheet HTML 8Page - List of Unclassifed Manufacturers FT231XQ-x Datasheet HTML 9Page - List of Unclassifed Manufacturers FT231XQ-x Datasheet HTML 10Page - List of Unclassifed Manufacturers FT231XQ-x Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Copyright © 2013 Future Technology Devices International Limited
7
FT231X USB TO FULL HANDSHAKE UART IC
Datasheet
Version 1.2
Document No.: FT_000565 Clearance No.:
FTDI# 261
3 Device Pin Out and Signal Description
3.1 20-LD QFN Package
RI#
2
DTR#
18
DSR#
4
RTS#
19
CTS#
6
CBUS2
7
USBDP
8
USBDM
9
3V3OUT
10
RESET#
11
CBUS1
14
CBUS0
15
TXD
17
DCD#
5
RXD
1
CBUS3
16
Figure 3.1 QFN Schematic Symbol
3.1.1 QFN Package PinOut Description
Note: # denotes an active low signal.
Pin No.
Name
Type
Description
12
**
VCC
POWER
Input
5 V or 3V3 supply to IC
20
VCCIO
POWER
Input
1V8 – 3V3 supply for the IO cells
10
**
3V3OUT
POWER
Output
3V3 output at 50mA. May be used to power VCCIO.
When VCC is 3V3; pin 10 is an input pin and should be
connected to pin 12.
3, 13
GND
POWER
Input
0V Ground input.
Table 3.1 Power and Ground
*Pin 21 on the symbol is the pad under the centre of the chip package and should be connected to GND
** If VCC is 3V3 then 3V3OUT must also be driven with 3V3 input


Similar Part No. - FT231XQ-x

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT231XQ-X FTDI-FT231XQ-X Datasheet
829Kb / 44P
   Future Technology Devices International Ltd. FT231X (USB to FULL HANDSHAKE UART IC)
2013 Version 1.2
More results

Similar Description - FT231XQ-x

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
   Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
   Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
   Future Technology Devices International Ltd.
FT230XQ-R FTDI-FT230XQ-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
USB-COM232-PLUS-2 ETC2-USB-COM232-PLUS-2 Datasheet
805Kb / 24P
   Future Technology Devices International Ltd
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com