Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD19N10 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FQD19N10
Description  N-Channel QFET MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD19N10 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FQD19N10_13 Datasheet HTML 1Page - Fairchild Semiconductor FQD19N10_13 Datasheet HTML 2Page - Fairchild Semiconductor FQD19N10_13 Datasheet HTML 3Page - Fairchild Semiconductor FQD19N10_13 Datasheet HTML 4Page - Fairchild Semiconductor FQD19N10_13 Datasheet HTML 5Page - Fairchild Semiconductor FQD19N10_13 Datasheet HTML 6Page - Fairchild Semiconductor FQD19N10_13 Datasheet HTML 7Page - Fairchild Semiconductor FQD19N10_13 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
©2007 Fairchild Semiconductor Corporation
FQD19N10TM Rev. C0
www.fairchildsemi.com
7
Mechanical Dimensions
Dimensions in Millimeters
D-PAK


Similar Part No. - FQD19N10_13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD19N10L FAIRCHILD-FQD19N10L Datasheet
623Kb / 9P
   100V LOGIC N-Channel MOSFET
FQD19N10L FAIRCHILD-FQD19N10L Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
logo
VBsemi Electronics Co.,...
FQD19N10L VBSEMI-FQD19N10L Datasheet
1,010Kb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
Inchange Semiconductor ...
FQD19N10L ISC-FQD19N10L Datasheet
293Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-07
logo
Fairchild Semiconductor
FQD19N10LTM FAIRCHILD-FQD19N10LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
More results

Similar Description - FQD19N10_13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQU13N10TU FAIRCHILD-FQU13N10TU Datasheet
867Kb / 8P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQPF13N50T FAIRCHILD-FQPF13N50T Datasheet
1Mb / 10P
   N-Channel QFET MOSFET
FQD13N10 FAIRCHILD-FQD13N10_13 Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD19N10L FAIRCHILD-FQD19N10L_13 Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
FQP6N80C FAIRCHILD-FQP6N80C_13 Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
FQT7N10LTF FAIRCHILD-FQT7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com