Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSB117H Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSB117H
Description  mWSaver Fairchild Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB117H Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSB117H Datasheet HTML 1Page - Fairchild Semiconductor FSB117H Datasheet HTML 2Page - Fairchild Semiconductor FSB117H Datasheet HTML 3Page - Fairchild Semiconductor FSB117H Datasheet HTML 4Page - Fairchild Semiconductor FSB117H Datasheet HTML 5Page - Fairchild Semiconductor FSB117H Datasheet HTML 6Page - Fairchild Semiconductor FSB117H Datasheet HTML 7Page - Fairchild Semiconductor FSB117H Datasheet HTML 8Page - Fairchild Semiconductor FSB117H Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
June 2013
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSB117H / FSB127H / FSB147H • Rev. 1.0.7
FSB117H / FSB127H / FSB147H
mWSaver™ Fairchild Power Switch (FPS™)
Features
mWSaver™ Technology
Achieve Low No-Load Power Consumption Less
than 40 mW at 230 VAC (EMI Filter Loss Included)
Meets 2013 ErP Standby Power Regulation (Less
than 0.5 W Consumption with 0.25 W Load) for
ATX Power and LCD TV Power
Eliminate X-Cap Discharge Resistor Loss with
AX-CAP™ Technology
Linearly Decreased Switching Frequency at Light-
Load Condition and Advanced Burst Mode
Operation at No-Load Condition
700 V High-Voltage JFET Startup Circuit to
Eliminate the Startup Resistor Loss
Highly Integrated with Rich Features
Internal Avalanche-Rugged 700 V SenseFET
Built-in 5 ms Soft-Start
Peak-Current-Mode Control
Cycle-by-Cycle Current Limiting
Leading-Edge Blanking (LEB)
Synchronized Slope Compensation
Proprietary Asynchronous Jitter to Reduce EMI
Advanced Protection
Internal Overload / Open-Loop Protection (OLP)
VDD Under-Voltage Lockout (UVLO)
VDD Over-Voltage Protection (OVP)
Constant Power Limit (Full AC Input Range)
Internal Auto Restart Circuit (OLP, VDD OVP, OTP)
Internal OTP Sensor with Hysteresis
Adjustable Peak Current Limit
Related Resources
 Evaluation Board: FEBFSB127H_T001
 Fairchild Power Supply WebDesigner — Flyback
Design & Simulation - In Minutes at No Expense
Description
The FSB-series is a next-generation, green-mode
Fairchild Power Switch (FPS™) incorporating Fairchild’s
innovative mWSaver™ technology, which dramatically
reduces standby and no-load power consumption,
enabling conformance to all worldwide Standby Mode
efficiency guidelines. It integrates an advanced current-
mode pulse width modulator (PWM) and an avalanche-
rugged 700 V SenseFET in a single package, allowing
auxiliary power designs with higher standby energy
efficiency, reduced size, improved reliability, and lower
system cost than previous solutions.
Fairchild
Semiconductor’s
mWSaver™
technology
offers best-in-class minimum no-load and light-load
power consumption. An innovative AX-CAP™ method,
one of the five proprietary mWSaver™ technologies,
minimizes losses in the EMI filter stage by eliminating
the X-cap discharge resistors while still meeting
IEC61010-1 safety requirement. mWSaver™ Green
Mode gradually decreases switching frequency as load
decreases to minimize switching losses.
A new proprietary asynchronous jitter decreases EMI
emission and built-in synchronized slope compensation
allows stable peak-current-mode control over a wide
range of input voltage. The proprietary internal line
compensation ensures constant output power limit over
entire universal line voltage range.
Requiring a minimum number of external components,
the FSB-series provides a basic platform that is well
suited for the cost-effective flyback converter design
with low standby power consumption.
Applications
General-purpose switched-mode power supplies and
flyback power converters, including:
Auxiliary Power Supply for PC, Server, LCD TV,
and Game Console
SMPS for VCR, SVR, STB, DVD, and DVCD
Player, Printer, Facsimile, and Scanner
General Adapter
LCD Monitor Power / Open-Frame SMPS


Similar Part No. - FSB117H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB117H FAIRCHILD-FSB117H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB117H FAIRCHILD-FSB117H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB117HNY FAIRCHILD-FSB117HNY Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
More results

Similar Description - FSB117H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB117H FAIRCHILD-FSB117H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB117HNY FAIRCHILD-FSB117HNY Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
KA5L0565RYDTU FAIRCHILD-KA5L0565RYDTU Datasheet
250Kb / 10P
   Fairchild Power Switch
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com