Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC32 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MM74HC32
Description  Quad 2-Input OR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC32 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MM74HC32 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC32 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC32 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC32 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC32 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC32 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC32 Datasheet HTML 7Page - Fairchild Semiconductor MM74HC32 Datasheet HTML 8Page - Fairchild Semiconductor MM74HC32 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1983 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MM74HC32 Rev. 1.3.0
5
Physical Dimensions
Figure 1. 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/
LAND PATTERN RECOMMENDATION
NOTES: UNLESS OTHERWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO JEDEC
MS-012, VARIATION AB, ISSUE C,
B) ALL DIMENSIONS ARE IN MILLIMETERS.
C) DIMENSIONS DO NOT INCLUDE MOLD
FLASH OR BURRS.
D) LANDPATTERN STANDARD:
SOIC127P600X145-14M
E) DRAWING CONFORMS TO ASME Y14.5M-1994
F) DRAWING FILE NAME: M14AREV13
PIN ONE
INDICATOR
SEATING PLANE
DETAIL A
SCALE: 20:1
GAGE PLANE
0.25
X45°
1
0.10
C
C
B
C
A
7
M
14
B
A
8
SEE DETAIL A
5.60
0.65
1.70
1.27
8.75
8.50
7.62
6.00
4.00
3.80
(0.33)
1.27
0.51
0.35
1.75 MAX
1.50
1.25
0.25
0.10
0.25
0.19
(1.04)
0.90
0.50
0.36
R0.10
R0.10
0.50
0.25


Similar Part No. - MM74HC32

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC32 FAIRCHILD-MM74HC32 Datasheet
78Kb / 6P
   Quad 2-Input OR Gate
MM74HC32 FAIRCHILD-MM74HC32 Datasheet
85Kb / 7P
   Quad 2-Input OR Gate
logo
ON Semiconductor
MM74HC32 ONSEMI-MM74HC32 Datasheet
281Kb / 5P
   Quad 2-Input OR Gate
August- 2017, Rev. 2
logo
Fairchild Semiconductor
MM74HC32M FAIRCHILD-MM74HC32M Datasheet
78Kb / 6P
   Quad 2-Input OR Gate
MM74HC32M FAIRCHILD-MM74HC32M Datasheet
85Kb / 7P
   Quad 2-Input OR Gate
More results

Similar Description - MM74HC32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com