Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5630BDKDR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630BDKDR
Description  300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5630BDKDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5630BDKDR Datasheet HTML 7Page - Texas Instruments TAS5630BDKDR Datasheet HTML 8Page - Texas Instruments TAS5630BDKDR Datasheet HTML 9Page - Texas Instruments TAS5630BDKDR Datasheet HTML 10Page - Texas Instruments TAS5630BDKDR Datasheet HTML 11Page - Texas Instruments TAS5630BDKDR Datasheet HTML 12Page - Texas Instruments TAS5630BDKDR Datasheet HTML 13Page - Texas Instruments TAS5630BDKDR Datasheet HTML 14Page - Texas Instruments TAS5630BDKDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
TAS5630B
www.ti.com
SLES217C – NOVEMBER 2010 – REVISED SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS (continued)
PVDD_X = 50 V, GVDD_X = 12 V, VDD = 12 V, TC (Case temperature) = 75°C, fS = 400 kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I/O PROTECTION
Undervoltage protection limit, GVDD_x and
Vuvp,G
9.5
V
VDD
Vuvp,hyst
(1)
0.6
V
OTW1(1)
Overtemperature warning 1
95
100
105
°C
OTW2(1)
Overtemperature warning 2
115
125
135
°C
Temperature drop needed below OTW
OTWhyst
(1)
temperature for OTW to be inactive after
25
°C
OTW event
Overtemperature error
145
155
165
°C
OTE(1)
OTE-OTW differential
30
°C
A reset must occur for SD to be released
OTEhyst
(1)
25
°C
following an OTE event.
OLPC
Overload protection counter
fPWM = 400 kHz
2.6
ms
Resistor – programmable, nominal peak
current in 1-
Ω load,
15
A
64-pin QFP package (PHD)
ROCP = 22 kΩ
Overcurrent limit protection
Resistor – programmable, nominal peak
IOC
current in 1-
Ω load,
15
A
44-Pin PSOP3 package (DKD),
ROCP = 24 kΩ
Resistor – programmable, nominal peak
current in 1-
Ω load,
Overcurrent limit protection, latched
15
A
ROCP = 47 kΩ
Time from switching transition to flip-state
IOCT
Overcurrent response time
150
ns
induced by overcurrent
Connected when RESET is active to
Internal pulldown resistor at output of each
IPD
provide bootstrap charge. Not used in SE
3
mA
half-bridge
mode
STATIC DIGITAL SPECIFICATIONS
VIH
High-level input voltage
2
V
M1, M2, M3, RESET
VIL
Low-level input voltage
0.8
V
Ilkg
Input leakage current
100
μA
OTW/SHUTDOWN (SD)
Internal pullup resistance, OTW, OTW1,
RINT_PU
20
26
32
k
OTW2, CLIP, READY, SD to VREG
Internal pullup resistor
3
3.3
3.6
VOH
High-level output voltage
V
External pullup of 4.7 k
Ω to 5 V
4.5
5
VOL
Low-level output voltage
IO = 4 mA
200
500
mV
Device fanout OTW, OTW1, OTW2, SD,
FANOUT
No external pullup
30
devices
CLIP, READY
(1)
Specified by design.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TAS5630B


Similar Part No. - TAS5630BDKDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630BDKDR TI1-TAS5630BDKDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5630BDKDR TI1-TAS5630BDKDR Datasheet
3Mb / 39P
[Old version datasheet]   300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
More results

Similar Description - TAS5630BDKDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630BPHDR TI1-TAS5630BPHDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B_17 Datasheet
3Mb / 39P
[Old version datasheet]   300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
TAS5630B TI1-TAS5630B_15 Datasheet
2Mb / 38P
[Old version datasheet]   300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
TAS5631B TI-TAS5631B_15 Datasheet
1Mb / 35P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630B TI-TAS5630B_15 Datasheet
2Mb / 38P
[Old version datasheet]   TAS5630B 300-W Stereo and 400-W Mono PurePath??HD Analog-Input Power Stage
TAS5630PHDR TI-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI1-TAS5630_10 Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com