Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4131CDGN Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4131CDGN
Description  HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4131CDGN Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4131CDGN Datasheet HTML 3Page - Texas Instruments THS4131CDGN Datasheet HTML 4Page - Texas Instruments THS4131CDGN Datasheet HTML 5Page - Texas Instruments THS4131CDGN Datasheet HTML 6Page - Texas Instruments THS4131CDGN Datasheet HTML 7Page - Texas Instruments THS4131CDGN Datasheet HTML 8Page - Texas Instruments THS4131CDGN Datasheet HTML 9Page - Texas Instruments THS4131CDGN Datasheet HTML 10Page - Texas Instruments THS4131CDGN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
−8
−3
2
CL = 10 pF
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
Gain = 1,
RL = 800 Ω,
VCC = ± 5 V,
VI = 63 mVPP,
Rf = 390 Ω
CL = 0 pF
−7
−6
−5
−4
−2
−1
−0
1
3
4
5
−1
−0.5
0
0.5
−0.5
0
0.5
1
0
0.2
0.4
0.6
t − Time −
µs
VO+
VO−
VI (Diff)
0.1
0.3
0.5
−25
−20
−15
−10
−5
0
5
100 k
10 M
100 M
1 G
1 M
VCC = ± 5 V
VCC = ± 15 V
VCC = 5 V
Gain = 1
Rf = 390 Ω,
RL = 800 Ω,
CF = 0 pF,
VI = 0.2 VRMS
f − Frequency − Hz
−100
−95
−90
−85
−80
−75
−70
−65
−60
−55
−50
100 k
1 M
10 M
100 M
f − Frequency − Hz
Rf = 1 kΩ,
VCC = ± 5 V
THS4130
THS4131
www.ti.com
SLOS318H
– MAY 2000 – REVISED MAY 2011
TYPICAL CHARACTERISTICS (continued)
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL TRANSIENT RESPONSE
(VARIOUS CL)
(DIFFERENTIAL IN/SINGLE OUT)
Figure 5.
Figure 6.
COMMON-MODE REJECTION RATIO
vs
LARGE-SIGNAL FREQUENCY RESPONSE
FREQUENCY
Figure 7.
Figure 8.
Copyright
© 2000–2011, Texas Instruments Incorporated
7


Similar Part No. - THS4131CDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4131CDGN TI-THS4131CDGN Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131CDGNR NSC-THS4131CDGNR Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4131CDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4130 TI-THS4130 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS2630 TI-THS2630_V01 Datasheet
1Mb / 32P
[Old version datasheet]   THS2630 High-Speed, Low-Noise, Fully-Differential I/O Amplifier
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com