Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16C552APNG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TL16C552APNG4
Description  DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C552APNG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL16C552APNG4 Datasheet HTML 6Page - Texas Instruments TL16C552APNG4 Datasheet HTML 7Page - Texas Instruments TL16C552APNG4 Datasheet HTML 8Page - Texas Instruments TL16C552APNG4 Datasheet HTML 9Page - Texas Instruments TL16C552APNG4 Datasheet HTML 10Page - Texas Instruments TL16C552APNG4 Datasheet HTML 11Page - Texas Instruments TL16C552APNG4 Datasheet HTML 12Page - Texas Instruments TL16C552APNG4 Datasheet HTML 13Page - Texas Instruments TL16C552APNG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
TL16C552A, TL16C552AM
DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH FIFO
SLLS189D – NOVEMBER 1994 – REVISED JANUARY 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
parallel port timing requirements over recommended ranges of supply voltage and operating
free-air temperature (see Note 16 and Figures 15, 16, and 17)
MIN
MAX
UNIT
tsu7
Setup time, data valid before STB
1
µs
th6
Hold time, data valid after STB
1
µs
tw6
Pulse duration, STB
1
µs
td10
Delay time, BUSY
↑ to ACK ↓
Defined by printer
td11
Delay time, BUSY
↓ to ACK ↓
Defined by printer
tw7
Pulse duration, BUSY
Defined by printer
tw8
Pulse duration, ACK
Defined by printer
td12
Delay time, BUSY
↑ after STB ↑
Defined by printer
td13
Delay time, INT2
↓ after ACK ↓ (see Note 17)
22
ns
td14
Delay time, INT2
↑ after ACK ↑ (see Note 17)
20
ns
td15
Delay time, INT2
↑ after ACK ↑ (see Note 17)
24
ns
td16
Delay time, INT2
↓ after IOR ↑ (see Note 17)
25
ns
NOTES: 16. These parameters are not production tested.
17. td13 –td16 are all measured with a 15-pF load.
PARAMETER MEASUREMENT INFORMATION
2 V
0.8 V
CLK (XTAL1)
tw1
tw2
fclock = 16 MHz MAX
2 V
0.8 V
Figure 1. CLK Voltage Waveform
Device Under Test
680
82 pF
(see Note A)
2.54 V
TL16C552A
NOTE A: This includes scope and jig capacitance.
Figure 2. Output Load Circuit


Similar Part No. - TL16C552APNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C552APN TI-TL16C552APN Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
More results

Similar Description - TL16C552APNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552A TI-TL16C552A Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com