Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16C554PNG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TL16C554PNG4
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENT
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C554PNG4 Datasheet(HTML) 4 Page - Texas Instruments

  TL16C554PNG4 Datasheet HTML 1Page - Texas Instruments TL16C554PNG4 Datasheet HTML 2Page - Texas Instruments TL16C554PNG4 Datasheet HTML 3Page - Texas Instruments TL16C554PNG4 Datasheet HTML 4Page - Texas Instruments TL16C554PNG4 Datasheet HTML 5Page - Texas Instruments TL16C554PNG4 Datasheet HTML 6Page - Texas Instruments TL16C554PNG4 Datasheet HTML 7Page - Texas Instruments TL16C554PNG4 Datasheet HTML 8Page - Texas Instruments TL16C554PNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
TL16C554, TL16C554I
ASYNCHRONOUS COMMUNICATIONS ELEMENT
SLLS165G − JANUARY 1994 − REVISED MARCH 2006
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
TL16C550B
Circuitry
TL16C550B
Circuitry
TL16C550B
Circuitry
TL16C550B
Circuitry
Receive
Control
Logic
Transmit
Control
Logic
Modem
Control
Logic
Control
Logic
Data
Bus
Clock
Circuit
RXx
TXx
CTSx
RTSx
DSRx
DTRx
RIx
DCDx
D7 − D0
A2 − A0
CSx
IOR, IOW
RESET
XTAL1
XTAL2
INTx
TXRDY, RXRDY
Interrupt
Logic
8
† For TL16C550 circuitry, refer to the TL16C550B data sheet.
Terminal Functions
TERMINAL
NAME
FN
NO.
PN
NO.
I/O
DESCRIPTION
A0
A1
A2
34
33
32
48
47
46
I
Register select terminals. A0, A1, and A2 are three inputs used during read and write operations to
select the ACE register to read or write.
CSA, CSB,
CSC, CSD
16, 20,
50, 54
28, 33,
68, 73
I
Chip select. Each chip select (CSx) enables read and write operations to its respective channel.
CTSA, CTSB,
CTSC, CTSD
11, 25,
45, 59
23, 38,
63, 78
I
Clear to send. CTSx is a modem status signal. Its condition can be checked by reading bit 4 (CTS)
of the modem status register. CTS has no affect on the transmit or receive operation.
D7 − D0
66 − 68
1− 5
15−11,
9−7
I/O
Data bus. Eight data lines with 3-state outputs provide a bidirectional path for data, control, and status
information between the TL16C554 and the CPU. D0 is the least significant bit (LSB).
DCDA, DCDB,
DCDC, DCDD
9, 27,
43, 61
19,42,
59, 2
I
Data carrier detect. A low on DCDx indicates the carrier has been detected by the modem. The
condition of this signal is checked by reading bit 7 of the modem status register.
DSRA, DSRB,
DSRC, DSRD
10, 26,
44, 60
22, 39,
62, 79
I
Data set ready. DSRx is a modem status signal. Its condition can be checked by reading bit 5 (DSR)
of the modem status register. DSR has no affect on the transmit or receive operation.
DTRA, DTRB,
DTRC, DTRD
12, 24,
46, 58
24, 37,
64, 77
O
Data terminal ready. DTRx is an output that indicates to a modem or data set that the ACE is ready
to establish communications. It is placed in the active state by setting the DTR bit of the modem
control register. DTRx is placed in the inactive state (high) either as a result of the master reset during
loop mode operation or clearing bit 0 (DTR) of the modem control register.
GND
6, 23,
40, 57
16, 36,
56, 76
Signal and power ground
INTN
65
6
I
Interrupt normal. INTN operates in conjunction with bit 3 of the modem status register and affects
operation of the interrupts (INTA, INTB, INTC, and INTD) for the four universal asynchronous
receiver/transceivers (UARTs) per the following table.
INTN
OPERATION OF INTERRUPTS
Brought low or
allowed to float
Interrupts are enabled according to the state of OUT2 (MCR bit 3). When the MCR
bit 3 is cleared, the 3-state interrupt output of that UART is in the high-impedance
state. When the MCR bit 3 is set, the interrupt output of the UART is enabled.
Brought high
Interrupts are always enabled, overriding the OUT2 enables.


Similar Part No. - TL16C554PNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C554PN TI-TL16C554PN Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results

Similar Description - TL16C554PNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
logo
IK Semicon Co., Ltd
IN16C554PL IKSEMICON-IN16C554PL Datasheet
426Kb / 24P
   QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com