Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2556IDW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2556IDW
Description  12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2556IDW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2556IDW Datasheet HTML 2Page - Texas Instruments TLV2556IDW Datasheet HTML 3Page - Texas Instruments TLV2556IDW Datasheet HTML 4Page - Texas Instruments TLV2556IDW Datasheet HTML 5Page - Texas Instruments TLV2556IDW Datasheet HTML 6Page - Texas Instruments TLV2556IDW Datasheet HTML 7Page - Texas Instruments TLV2556IDW Datasheet HTML 8Page - Texas Instruments TLV2556IDW Datasheet HTML 9Page - Texas Instruments TLV2556IDW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
TLV2556
SLAS355A – DECEMBER 2001 – REVISED SEPTEMBER 2002
6
www.ti.com
external reference specifications
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Reference input voltage REF
VCC = 4.5 V to 5.5 V
–0.1
0
0.1
V
Reference input voltage, REF–
VCC = 2.7 V to 3.6 V
–0.1
0
0.1
V
Reference input voltage REF
VCC = 4.5 V to 5.5 V
2
VCC
V
Reference input voltage, REF+
VCC = 2.7 V to 3.6 V
2
VCC
V
External reference input voltage difference,
VCC = 4.5 V to 5.5 V
1.9
VCC
V
External reference in ut voltage difference,
(REF+) – (REF–)
VCC = 2.7 V to 3.6 V
1.9
VCC
V
External reference supply current
CS at0V
VCC = 4.5 V to 5.5 V
1
mA
External reference supply current
CS at 0 V
VCC = 2.7 V to 3.6 V
0.7
mA
V5 V
Static
1
M
Reference input impedance
VCC = 5 V
During sampling/conversion
6
9
k
Reference input impedance
V2 7 V
Static
1
M
VCC = 2.7 V
During sampling/conversion
6
9
k
† All typical values are at VCC = 5 V, TA = 25°C.
NOTE: Add a 0.1-
µF capacitor between REF+ and REF– pins when external reference is used.
internal reference specifications
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Reference input voltage, REF–
VCC = 2.7 V to 5.5 V, REF– = Analog GND
0
V
It
l
f
dlt
lt
VCC = 5.5 V,
Internal 4.096-Vref selected
3.95
4.065
4.25
Internal reference delta voltage,
(REF+) – (REF–)
VCC = 5.5 V,
Internal 2.048-Vref selected
1.95
2.019
2.1
V
(REF+) – (REF–)
VCC = 2.7 V,
Internal 2.048-Vref selected
1.95
2.019
2.1
V
Internal reference start up time
VCC = 5 V
With 10 F load
20
ms
Internal reference start-up time
VCC = 2.7 V
With 10-
µF load
20
ms
Internal reference temperature coefficient
VCC = 2.7 V to 5.5 V
±50
PPM/
°C
† All typical values are at VCC = 5 V, TA = 25°C.
NOTE: When an internal reference is used, the following conditions are required:
a) Add 0.1-
µF and 10-µF capacitors between REF+ and REF– pins.
b) REF– must be connected to analog GND (the ground pin of the ADC).


Similar Part No. - TLV2556IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2556IDW TI-TLV2556IDW Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IDW TI1-TLV2556IDW Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IDW TI1-TLV2556IDW Datasheet
1Mb / 39P
[Old version datasheet]   11-Channel Low-Power Serial ADC
TLV2556IDWG4 TI1-TLV2556IDWG4 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IDWG4 TI1-TLV2556IDWG4 Datasheet
1Mb / 39P
[Old version datasheet]   11-Channel Low-Power Serial ADC
More results

Similar Description - TLV2556IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
TLV2553 TI1-TLV2553_14 Datasheet
986Kb / 30P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com