Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AC37IPT Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV320AC37IPT
Description  3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AC37IPT Datasheet(HTML) 1 Page - Texas Instruments

  TLV320AC37IPT Datasheet HTML 1Page - Texas Instruments TLV320AC37IPT Datasheet HTML 2Page - Texas Instruments TLV320AC37IPT Datasheet HTML 3Page - Texas Instruments TLV320AC37IPT Datasheet HTML 4Page - Texas Instruments TLV320AC37IPT Datasheet HTML 5Page - Texas Instruments TLV320AC37IPT Datasheet HTML 6Page - Texas Instruments TLV320AC37IPT Datasheet HTML 7Page - Texas Instruments TLV320AC37IPT Datasheet HTML 8Page - Texas Instruments TLV320AC37IPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TLV320AC36, TLV320AC37
3-V VOICE-BAND AUDIO PROCESSORS (VBAP
™)
SLWS006B – NOVEMBER 1994 – REVISED OCTOBER 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Single 3-V Operation
D Low Power Consumption:
– Operating Mode . . . 20 mW Typ
– Standby Mode ... 5 mW Typ
– Power-Down Mode ...2 mW Typ
D Combined A/D, D/A, and Filters
D Extended Variable-Frequency Operation
– Sample Rates up to 16 kHz
– Pass-Band up to 7.2 kHz
D Electret Microphone Bias Reference
Voltage Available
D Drive a Piezo Speaker Directly
D Compatible With All Digital Signal
Processors (DSPs)
D Selectable Between 8-Bit Companded and
13-Bit (Dynamic Range) Linear Conversion:
– TLV320AC36 . . .
µ-Law and Linear Modes
– TLV320AC37 . . . A-Law and Linear
Modes
D Programmable Volume Control in Linear
Mode
D 300 Hz – 3.6 kHz Passband with Specified
Master Clock
D Designed for Standard 2.048-MHz Master
Clock for U.S. Analog, U.S. Digital, CT2,
DECT, GSM, and PCS Standards for
Hand-Held Battery-Powered Telephones
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PDN
EARA
EARB
EARGS
VCC
MICMUTE
DCLKR
DIN
FSR
EARMUTE
MICBIAS
MICGS
MICIN
VMID
GND
LINSEL
TSX/DCLKX
DOUT
FSX
CLK
DW OR N PACKAGE
(TOP VIEW)
14 15
VMID
NC
AGND
NC
NC
NC
NC
NC
NC
DGND
LINSEL
NC
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
NC
NC
NC
AVCC
NC
NC
NC
NC
DVCC
NC
MICMUTE
NC
17 18 19 20
PT PACKAGE
(TOP VIEW)
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
NC – No internal connection
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
VBAP is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1997, Texas Instruments Incorporated


Similar Part No. - TLV320AC37IPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AC37 TI-TLV320AC37 Datasheet
325Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
More results

Similar Description - TLV320AC37IPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV321AC36 TI1-TLV321AC36 Datasheet
319Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS (VBAPE)
TLV320AC36 TI-TLV320AC36 Datasheet
325Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC40 TI-TLV320AC40 Datasheet
347Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC56 TI-TLV320AC56 Datasheet
344Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS VBAPE
TCM320AC38 TI1-TCM320AC38 Datasheet
348Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS (VBAPE)
TCM320AC36 TI-TCM320AC36 Datasheet
317Kb / 23P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSORS VBAPE
TLV320AC56_1998 TI1-TLV320AC56_1998 Datasheet
347Kb / 23P
[Old version datasheet]   3-V VOICE-BAND AUDIO PROCESSORS
TWL1110 TI-TWL1110 Datasheet
496Kb / 37P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1103 TI-TWL1103 Datasheet
388Kb / 29P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR VBAPE
TWL1101PFBR TI-TWL1101PFBR Datasheet
398Kb / 31P
[Old version datasheet]   VOICE-BAND AUDIO PROCESSOR (VBAPE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com