Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1451CNSG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TL1451CNSG4
Description  SUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1451CNSG4 Datasheet(HTML) 1 Page - Texas Instruments

  TL1451CNSG4 Datasheet HTML 1Page - Texas Instruments TL1451CNSG4 Datasheet HTML 2Page - Texas Instruments TL1451CNSG4 Datasheet HTML 3Page - Texas Instruments TL1451CNSG4 Datasheet HTML 4Page - Texas Instruments TL1451CNSG4 Datasheet HTML 5Page - Texas Instruments TL1451CNSG4 Datasheet HTML 6Page - Texas Instruments TL1451CNSG4 Datasheet HTML 7Page - Texas Instruments TL1451CNSG4 Datasheet HTML 8Page - Texas Instruments TL1451CNSG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TL1451A
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999
1
www.ti.com
D Complete PWM Power Control Circuitry
D Completely Synchronized Operation
D Internal Undervoltage Lockout Protection
D Wide Supply Voltage Range
D Internal Short-Circuit Protection
D Oscillator Frequency ... 500 kHz Max
D Variable Dead Time Provides Control Over
Total Range
D Internal Regulator Provides a Stable 2.5-V
Reference Supply
D Available in Q-Temp Automotive
HighRel Automotive Applications
Configuration Control / Print Support
Qualification to Automotive Standards
description
The TL1451A incorporates on a single monolithic
chip all the functions required in the construction
of two pulse-width-modulation (PWM) control
circuits. Designed primarily for power-supply
control, the TL1451A contains an on-chip 2.5-V
regulator, two error amplifiers, an adjustable
oscillator, two dead-time comparators, undervol-
tage lockout circuitry, and dual common-emitter
output transistor circuits.
The uncommitted output transistors provide
common-emitter
output
capability
for
each
controller. The internal amplifiers exhibit a common-mode voltage range from 1.04 V to 1.45 V. The dead-time
control (DTC) comparator has no offset unless externally altered and can provide 0% to 100% dead time. The
on-chip oscillator can be operated by terminating RT and CT. During low VCC conditions, the undervoltage
lockout control circuit feature locks the outputs off until the internal circuitry is operational.
The TL1451AC is characterized for operation from –20
°C to 85°C. The TL1451AQ is characterized for operation
from –40
°C to 125°C. The TL1451AM is characterized for operation from –55°C to 125°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL
OUTLINE
(D)
SMALL
OUTLINE
(DB)†
PLASTIC DIP
(N)
SMALL
OUTLINE
(NS)
TSSOP
(PW)†
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
–20
°C to 85°C
TL1451ACD
TL1451ACDB
TL1451ACN
TL1451ACNS
TL1451ACPW
–40
°C to 125°C
TL1451AQD
–55
°C to 125°C
TL1451AMFK
TL1451AMJ
† The DB and PW packages are only available left-end taped and reeled (add LE suffix, i.e., TL1451ACPWLE).
Copyright
 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CT
RT
ERROR
1IN+
AMPLIFIER 1
1IN–
1FEEDBACK
1DTC
1OUT
GND
REF
SCP
2IN+
ERROR
2IN–
AMPLIFIER 2
2FEEDBACK
2DTC
2OUT
VCC
D, DB, N, NS, PW, OR J PACKAGE
(TOP VIEW)
19
20
1
32
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
2IN+
2IN–
NC
2FEEDBACK
2DTC
1IN+
1IN–
NC
1FEEDBACK
IDTC
FK PACKAGE
(TOP VIEW)
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - TL1451CNSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1451CNSG4 TI-TL1451CNSG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL1451CNSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com