Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3574IDWRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3574IDWRG4
Description  5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3574IDWRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC3574IDWRG4 Datasheet HTML 7Page - Texas Instruments TLC3574IDWRG4 Datasheet HTML 8Page - Texas Instruments TLC3574IDWRG4 Datasheet HTML 9Page - Texas Instruments TLC3574IDWRG4 Datasheet HTML 10Page - Texas Instruments TLC3574IDWRG4 Datasheet HTML 11Page - Texas Instruments TLC3574IDWRG4 Datasheet HTML 12Page - Texas Instruments TLC3574IDWRG4 Datasheet HTML 13Page - Texas Instruments TLC3574IDWRG4 Datasheet HTML 14Page - Texas Instruments TLC3574IDWRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
11
WWW.TI.COM
TLC2574/78 DW and PW package devices AC/DC performance
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
DC Accuracy
EL
Integral linearity error
See Note 6
−1
±0.5
1
LSB
ED
Differential linearity error
−1
±0.5
1
LSB
EO
Bipolar zero error
See Note 7
−0.30
±0.08
0.36
%FS
EFS(+)
Positive full scale error
See Note 7
−0.55
±0.04
0.61
%FS
EFS(−)
Negative full scale error
See Note 7
−0.30
±0.13
0.79
%FS
AC Accuracy
SINAD
Signal-to-noise ratio + distortion
fi = 20 kHz
70
72
dB
SINAD
Signal-to-noise ratio + distortion
fi = 100 kHz
70
dB
THD
Total harmonic distortion
fi = 20 kHz
−82
−76
dB
THD
Total harmonic distortion
fi = 100 kHz
−80
dB
SNR
Signal-to-noise ratio
fi= 20 kHz
71
72
dB
SNR
Signal-to-noise ratio
fi = 100 kHz
71
dB
ENOB
Effective number of bits
fi = 20 kHz
11.3
11.7
Bits
ENOB
Effective number of bits
fi = 100 kHz
11.3
Bits
SFDR
Spurious free dynamic range
fi = 20 kHz
78
83
dB
SFDR
Spurious free dynamic range
fi = 100 kHz
80
dB
Analog input bandwidth
Full power bandwidth, −3 dB
1
MHz
Analog input bandwidth
Full power bandwidth, −1 dB
700
kHz
Channel-to-channel Isolation
Fixed channel in conversion mode 00, fi = 35 kHz,
See Note 8
81
dB
† All typical values are at TA = 25°C.
NOTES:
6. Linear error is the maximum deviation from the best fit straight line through the A/D transfer characteristics.
7. Bipolar zero error is the difference between 100000000000 and the converted output for zero input voltage; positive full-scale error
is the difference between 111111111111 and the converted output for positive full-scale input voltage (10 V); negative full-scale error
is the difference between 000000000000 and the converted output for negative full-scale input voltage (−10 V).
8. It is measured by applying a full-scale of 35 kHz signal to other channels and determining how much the signal is attenuated in the
channel of interest. The converter samples this examined channel continuously. The channel-to-channel isolation is degraded if the
converter samples different channels alternately.


Similar Part No. - TLC3574IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3574IDWRG4 TI1-TLC3574IDWRG4 Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
TLC3574IDWRG4 TI1-TLC3574IDWRG4 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit Resolution for TLC3574/78, 12-Bit for TLC2574/2578
More results

Similar Description - TLC3574IDWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2574 TI-TLC2574 Datasheet
706Kb / 39P
[Old version datasheet]   5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3574IDW TI-TLC3574IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3544 TI-TLC3544 Datasheet
790Kb / 40P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544 TI-TLC3544_07 Datasheet
926Kb / 42P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC2578IDW TI1-TLC2578IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4541 TI-TLC4541 Datasheet
341Kb / 21P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
logo
LANSDALE Semiconductor ...
ML144110 LANSDALE-ML144110 Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
logo
Freescale Semiconductor...
MC144110 FREESCALE-MC144110 Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com