Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC272BIP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC272BIP
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC272BIP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC272BIP Datasheet HTML 4Page - Texas Instruments TLC272BIP Datasheet HTML 5Page - Texas Instruments TLC272BIP Datasheet HTML 6Page - Texas Instruments TLC272BIP Datasheet HTML 7Page - Texas Instruments TLC272BIP Datasheet HTML 8Page - Texas Instruments TLC272BIP Datasheet HTML 9Page - Texas Instruments TLC272BIP Datasheet HTML 10Page - Texas Instruments TLC272BIP Datasheet HTML 11Page - Texas Instruments TLC272BIP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
 PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 10 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC272I, TLC272AI,
TLC272BI, TLC277I
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
TLC272I
VO = 1.4 V,
VIC = 0,
25
°C
1.1
10
TLC272I
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 10 kΩ
Full range
13
mV
TLC272AI
VO = 1.4 V,
VIC = 0,
25
°C
0.9
5
mV
V
Input offset voltage
TLC272AI
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 10 kΩ
Full range
7
VIO
Input offset voltage
TLC272BI
VO = 1.4 V,
VIC = 0,
25
°C
290
2000
TLC272BI
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 10 kΩ
Full range
3500
V
TLC277I
VO = 1.4 V,
VIC = 0,
25
°C
250
800
µV
TLC277I
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 10 kΩ
Full range
2900
αVIO Temperature coefficient of input offset voltage
25
°C to
85
°C
2
µV/°C
I
Input offset current (see Note 4)
25
°C
0.1
60
pA
IIO
Input offset current (see Note 4)
V5 V
V5 V
85
°C
26
1000
pA
I
Input bias current (see Note 4)
VO = 5 V,
VIC = 5 V
25
°C
0.7
60
pA
IIB
Input bias current (see Note 4)
85
°C
220
2000
pA
V
Common-mode input voltage range
25
°C
– 0.2
to
9
– 0.3
to
9.2
V
VICR
Common mode in ut voltage range
(see Note 5)
Full range
– 0.2
to
8.5
V
25
°C
8
8.5
VOH
High-level output voltage
VID = 100 mV,
RL = 10 kΩ
– 40
°C
7.8
8.5
V
VOH
High level out ut voltage
VID 100 mV,
RL 10 kΩ
85
°C
7.8
8.5
V
25
°C
0
50
VOL
Low-level output voltage
VID = –100 mV,
IOL = 0
– 40
°C
0
50
mV
VOL
Low level out ut voltage
VID
100 mV,
IOL 0
85
°C
0
50
mV
25
°C
10
36
AVD
Large-signal differential voltage amplification
VO = 1 V to 6 V,
RL = 10 kΩ
– 40
°C
7
46
V/mV
AVD
Large signal differential voltage am lification
VO 1 V to 6 V,
RL 10 kΩ
85
°C
7
31
V/mV
25
°C
65
85
CMRR
Common-mode rejection ratio
VIC = VICRmin
– 40
°C
60
87
dB
CMRR
Common mode rejection ratio
VIC VICRmin
85
°C
60
88
dB
S
l
lt
j
ti
ti
25
°C
65
95
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
– 40
°C
60
92
dB
kSVR
(
∆VDD/∆VIO)
VDD 5 V to 10 V,
VO 1.4 V
85
°C
60
96
dB
V5 V
V5 V
25
°C
1.4
4
IDD
Supply current (two amplifiers)
VO = 5 V,
No load
VIC = 5 V,
– 40
°C
2.8
5
mA
DD
y(
)
No load
85
°C
1.5
3.2
† Full range is – 40
°C to 85°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.


Similar Part No. - TLC272BIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC272BIP TI-TLC272BIP Datasheet
588Kb / 36P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272BIP TI1-TLC272BIP Datasheet
1Mb / 53P
[Old version datasheet]   PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272BIP TI-TLC272BIP Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC272BIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272 Datasheet
588Kb / 36P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_02 Datasheet
575Kb / 36P
[Old version datasheet]   LinCMOS??PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M7IDRG4 TI-TLC27M7IDRG4 Datasheet
1Mb / 50P
[Old version datasheet]   LINCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2ACDRG4 TI1-TLC27M2ACDRG4 Datasheet
1Mb / 50P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272CPWR TI-TLC272CPWR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272BCDR TI-TLC272BCDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com