Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3578IPWG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC3578IPWG4
Description  5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3578IPWG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC3578IPWG4 Datasheet HTML 3Page - Texas Instruments TLC3578IPWG4 Datasheet HTML 4Page - Texas Instruments TLC3578IPWG4 Datasheet HTML 5Page - Texas Instruments TLC3578IPWG4 Datasheet HTML 6Page - Texas Instruments TLC3578IPWG4 Datasheet HTML 7Page - Texas Instruments TLC3578IPWG4 Datasheet HTML 8Page - Texas Instruments TLC3578IPWG4 Datasheet HTML 9Page - Texas Instruments TLC3578IPWG4 Datasheet HTML 10Page - Texas Instruments TLC3578IPWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
7
WWW.TI.COM
AC/DC performance over recommended operating free-air temperature range, single-ended input,
normal long sampling, 200 KSPS, AVDD = 5 V, VREFP = 4 V, VREFM = 0 V, SCLK frequency = 25 MHz,
fixed channel at CONV mode 00, analog input signal source resistance = 25
Ω (unless otherwise
noted)
TLC3574/78 DW and PW package device AC/DC performance
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
DC Accuracy—Normal Long Sampling
EL
Integral linearity error
See Note 3
−1.5
±1
1.5
LSB
ED
Differential linearity error
−1
±0.5
1
LSB
EO
Bipolar zero error
See Note 4
−0.30
±0.08
0.36
%FS
EFS(+)
Positive full scale error
See Note 4
−0.55
±0.04
0.61
%FS
EFS(−)
Negative full scale error
See Note 4
−0.30
±0.13
0.79
%FS
DC Accuracy—Normal Short Sampling
EL
Integral linearity error
See Note 3
±1
LSB
ED
Differential linearity error
±0.5
LSB
EO
Bipolar zero error
See Note 4
±0.08
%FS
EFS(+)
Positive full scale error
See Note 4
±0.04
%FS
EFS(−)
Negative full scale error
See Note 4
±0.13
%FS
AC Accuracy (see Note 3)—Normal Long Sampling
SINAD
Signal-to-noise ratio + distortion
fi = 20 kHz
76
79
dB
SINAD
Signal-to-noise ratio + distortion
fi = 100 kHz
75
dB
THD
Total harmonic distortion
fi = 20 kHz
−82
−77
dB
THD
Total harmonic distortion
fi = 100 kHz
−78
dB
SNR
Signal-to-noise ratio
fi = 20 kHz
78
80
dB
SNR
Signal-to-noise ratio
fi = 100 kHz
78
dB
ENOB
Effective number of bits
fi = 20 kHz
12.3
12.8
Bits
ENOB
Effective number of bits
fi = 100 kHz
12.2
Bits
SFDR
Spurious free dynamic range
fi = 20 kHz
78
84
dB
SFDR
Spurious free dynamic range
fi = 100 kHz
79
dB
Channel-to-channel isolation
Fixed channel in conversion mode 00, fi = 35 kHz,
See Notes 2 and 5
81
dB
Analog input bandwidth
Full power bandwidth, −3 dB
1
MHz
Analog input bandwidth
Full power bandwidth, −1 dB
700
kHz
† All typical values are at TA = 25°C.
NOTES:
2. This is for a fixed channel in conversion mode 00 or 01. When switching the channels, additional multiplexer setting time is required
to overcome the memory effect of the charge redistribution DAC.
3. Linear error is the maximum deviation from the best fit straight line through the A/D transfer characteristics.
4. Bipolar zero error is the difference between 10000000000000 and the converted output for zero input voltage; positive full-scale error
is the difference between 11111111111111 and the converted output for positive full-scale input voltage (10 V); negative full-scale
error is the difference between 00000000000000 and the converted output for negative full-scale input voltage (−10 V).
5. It is measured by applying a full-scale of 35 kHz signal to other channels and determining how much the signal is attenuated in the
channel of interest. The converter samples this examined channel continuously. The channel-to-channel isolation is degraded if the
converter samples different channels alternately.


Similar Part No. - TLC3578IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3578IPWG4 TI1-TLC3578IPWG4 Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
TLC3578IPWG4 TI1-TLC3578IPWG4 Datasheet
1Mb / 50P
[Old version datasheet]   14-Bit Resolution for TLC3574/78, 12-Bit for TLC2574/2578
More results

Similar Description - TLC3578IPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2574 TI-TLC2574 Datasheet
706Kb / 39P
[Old version datasheet]   5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3574IDW TI-TLC3574IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3544 TI-TLC3544 Datasheet
790Kb / 40P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544 TI-TLC3544_07 Datasheet
926Kb / 42P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC2578IDW TI1-TLC2578IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4541 TI-TLC4541 Datasheet
341Kb / 21P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
logo
LANSDALE Semiconductor ...
ML144110 LANSDALE-ML144110 Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
logo
Freescale Semiconductor...
MC144110 FREESCALE-MC144110 Datasheet
683Kb / 12P
   Digital-to-Analog Converters with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com