Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC272CDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC272CDR
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC272CDR Datasheet(HTML) 5 Page - Texas Instruments

  TLC272CDR Datasheet HTML 1Page - Texas Instruments TLC272CDR Datasheet HTML 2Page - Texas Instruments TLC272CDR Datasheet HTML 3Page - Texas Instruments TLC272CDR Datasheet HTML 4Page - Texas Instruments TLC272CDR Datasheet HTML 5Page - Texas Instruments TLC272CDR Datasheet HTML 6Page - Texas Instruments TLC272CDR Datasheet HTML 7Page - Texas Instruments TLC272CDR Datasheet HTML 8Page - Texas Instruments TLC272CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
 PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC272C, TLC272AC,
TLC272BC, TLC277C
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
TLC272C
VO = 1.4 V,
VIC = 0,
25
°C
1.1
10
TLC272C
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 10 kΩ
Full range
12
mV
TLC272AC
VO = 1.4 V,
VIC = 0,
25
°C
0.9
5
mV
V
Input offset voltage
TLC272AC
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 10 kΩ
Full range
6.5
VIO
Input offset voltage
TLC272BC
VO = 1.4 V,
VIC = 0,
25
°C
230
2000
TLC272BC
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 10 kΩ
Full range
3000
V
TLC277C
VO = 1.4 V,
VIC = 0,
25
°C
200
500
µV
TLC277C
VO = 1.4 V,
RS = 50 Ω,
VIC = 0,
RL = 10 kΩ
Full range
1500
αVIO Temperature coefficient of input offset voltage
25
°C to
70
°C
1.8
µV/°C
I
Input offset current (see Note 4)
25
°C
0.1
60
pA
IIO
Input offset current (see Note 4)
V2 5 V
V2 5 V
70
°C
7
300
pA
I
Input bias current (see Note 4)
VO = 2.5 V,
VIC = 2.5 V
25
°C
0.6
60
pA
IIB
Input bias current (see Note 4)
70
°C
40
600
pA
V
Common-mode input voltage range
25
°C
– 0.2
to
4
– 0.3
to
4.2
V
VICR
Common mode in ut voltage range
(see Note 5)
Full range
– 0.2
to
3.5
V
25
°C
3.2
3.8
VOH
High-level output voltage
VID = 100 mV,
RL = 10 kΩ
0
°C
3
3.8
V
VOH
High level out ut voltage
VID 100 mV,
RL 10 kΩ
70
°C
3
3.8
V
25
°C
0
50
VOL
Low-level output voltage
VID = –100 mV,
IOL = 0
0
°C
0
50
mV
VOL
Low level out ut voltage
VID
100 mV,
IOL 0
70
°C
0
50
mV
25
°C
5
23
AVD
Large-signal differential voltage amplification
VO = 0.25 V to 2 V, RL = 10 kΩ
0
°C
4
27
V/mV
AVD
Large signal differential voltage am lification
VO 0.25 V to 2 V, RL 10 kΩ
70
°C
4
20
V/mV
25
°C
65
80
CMRR
Common-mode rejection ratio
VIC = VICRmin
0
°C
60
84
dB
CMRR
Common mode rejection ratio
VIC VICRmin
70
°C
60
85
dB
S
l
lt
j
ti
ti
25
°C
65
95
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
0
°C
60
94
dB
kSVR
(
∆VDD/∆VIO)
VDD 5 V to 10 V,
VO 1.4 V
70
°C
60
96
dB
V2 5 V
V2 5 V
25
°C
1.4
3.2
IDD
Supply current (two amplifiers)
VO = 2.5 V,
No load
VIC = 2.5 V,
0
°C
1.6
3.6
mA
DD
y(
)
No load
70
°C
1.2
2.6
† Full range is 0
°C to 70°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.


Similar Part No. - TLC272CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC272CDR TI1-TLC272CDR Datasheet
1Mb / 53P
[Old version datasheet]   PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272CDR TI-TLC272CDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272CDRG4 TI1-TLC272CDRG4 Datasheet
1Mb / 53P
[Old version datasheet]   PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272CDRG4 TI-TLC272CDRG4 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC272CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272 Datasheet
588Kb / 36P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_02 Datasheet
575Kb / 36P
[Old version datasheet]   LinCMOS??PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M7IDRG4 TI-TLC27M7IDRG4 Datasheet
1Mb / 50P
[Old version datasheet]   LINCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2ACDRG4 TI1-TLC27M2ACDRG4 Datasheet
1Mb / 50P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272CPWR TI-TLC272CPWR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272BCDR TI-TLC272BCDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com