Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6433228CP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD6433228CP
Description  Hitachi Single-Chip Microcomputer
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433228CP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD6433228CP Datasheet HTML 7Page - Renesas Technology Corp HD6433228CP Datasheet HTML 8Page - Renesas Technology Corp HD6433228CP Datasheet HTML 9Page - Renesas Technology Corp HD6433228CP Datasheet HTML 10Page - Renesas Technology Corp HD6433228CP Datasheet HTML 11Page - Renesas Technology Corp HD6433228CP Datasheet HTML 12Page - Renesas Technology Corp HD6433228CP Datasheet HTML 13Page - Renesas Technology Corp HD6433228CP Datasheet HTML 14Page - Renesas Technology Corp HD6433228CP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 301 page
background image
Section 1. Overview
1.1 Overview
The H8/325 Series is a series of single-chip microcomputers integrating a CPU core together with a
variety of peripheral functions needed in control systems.
The H8/300 CPU is a high-speed processor featuring powerful bit-manipulation instructions,
ideally suited for realtime control applications. The on-chip supporting modules include ROM,
RAM, two types of timers (16-bit free-running timer and 8-bit timer), a serial communication
interface, I/O ports, and a parallel handshaking interface. The on-chip memory sizes of the three
chips in the H8/325 Series are:
H8/3257: 60-kbyte ROM; 2-kbyte RAM
H8/3256: 48-kbyte ROM; 2-kbyte RAM
H8/325: 32-kbyte ROM; 1-kbyte RAM
H8/324: 24-kbyte ROM; 1-kbyte RAM
H8/323: 16-kbyte ROM; 512-byte RAM
H8/322: 8-kbyte ROM; 256-byte RAM
The H8/325 Series can operate in single-chip mode or in two expanded modes, depending on the
memory requirements of the application. The operating mode is referred to in this manual as the
MCU mode (MCU: MicroComputer Unit).
The H8/3257, H8/3256, H8/325, H8/323, and H8/322 are available in a masked ROM version, or a
ZTAT™* version with electrically programmable ROM that can be programmed at the user site.
* ZTAT is a registered trademark of Hitachi, Ltd.
1


Similar Part No. - HD6433228CP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6433228CP HITACHI-HD6433228CP Datasheet
11Mb / 246P
   Single-Chip Microcomputers
logo
Renesas Technology Corp
HD6433228CP RENESAS-HD6433228CP Datasheet
1Mb / 301P
   Hitachi Single-Chip Microcomputer
HD6433228CP RENESAS-HD6433228CP Datasheet
1Mb / 301P
   Hitachi Single-Chip Microcomputer
More results

Similar Description - HD6433228CP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6473258P10V RENESAS-HD6473258P10V Datasheet
1Mb / 301P
   Hitachi Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD6433308 HITACHI-HD6433308 Datasheet
1Mb / 349P
   Hitachi Single-Chip MicroComputer
logo
Renesas Technology Corp
HD64F3670 RENESAS-HD64F3670 Datasheet
1Mb / 323P
   Hitachi Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD6433044 HITACHI-HD6433044 Datasheet
2Mb / 867P
   Hitachi Single-Chip Microcomputer
logo
Renesas Technology Corp
HD6473258F10V RENESAS-HD6473258F10V Datasheet
1Mb / 301P
   Hitachi Single-Chip Microcomputer
HD64F2145 RENESAS-HD64F2145 Datasheet
4Mb / 829P
   Hitachi 16-Bit Single-Chip Microcomputer
HD64F2149 RENESAS-HD64F2149 Datasheet
4Mb / 1035P
   Hitachi 16-Bit Single-Chip Microcomputer
logo
Hitachi Semiconductor
SH7729 HITACHI-SH7729 Datasheet
1Mb / 241P
   Hitachi Microcomputer Development Environment System
HD6475328-CP10 HITACHI-HD6475328-CP10 Datasheet
1Mb / 459P
   original Hitachi CMOS microcomputer unit (MCU)
logo
Renesas Technology Corp
M38507F8SPFP RENESAS-M38507F8SPFP Datasheet
235Kb / 7P
   SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com