Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP275AIDRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP275AIDRG4
Description  0.5 C Digital Out Temperature Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP275AIDRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TMP275AIDRG4 Datasheet HTML 1Page - Texas Instruments TMP275AIDRG4 Datasheet HTML 2Page - Texas Instruments TMP275AIDRG4 Datasheet HTML 3Page - Texas Instruments TMP275AIDRG4 Datasheet HTML 4Page - Texas Instruments TMP275AIDRG4 Datasheet HTML 5Page - Texas Instruments TMP275AIDRG4 Datasheet HTML 6Page - Texas Instruments TMP275AIDRG4 Datasheet HTML 7Page - Texas Instruments TMP275AIDRG4 Datasheet HTML 8Page - Texas Instruments TMP275AIDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TMP275
SBOS363D − JUNE 2006 − REVISED AUGUST 2007
www.ti.com
5
APPLICATIONS INFORMATION
The TMP275 is a digital temperature sensor that is optimal
for
thermal
management
and
thermal
protection
applications. The TMP275 is Two-Wire and SMBus
interface-compatible, and is specified over a temperature
range of −40
°C to +125°C.
The TMP275 requires no external components for
operation except for pull-up resistors on SCL, SDA, and
ALERT,
although
a
0.1
µF bypass capacitor is
recommended, as shown in Figure 1.
TMP275
0.1
µF
V+
GND
4
3
7
8
ALERT
(Output)
A
0
6
A
1
5
A
2
2
1
SCL
SDA
To
Two−Wire
Controller
NOTE:SCL,SDA,and ALERT
pins require pull−up resistors.
Figure 1. Typical Connections of the TMP275
The sensing device of the TMP275 is the chip itself.
Thermal paths run through the package leads as well as
the plastic package. The lower thermal resistance of metal
causes the leads to provide the primary thermal path.
To maintain accuracy in applications requiring air or
surface temperature measurement, care should be taken
to isolate the package and leads from ambient air
temperature. A thermally-conductive adhesive will assist
in achieving accurate surface temperature measurement.
POINTER REGISTER
Figure 2 shows the internal register structure of the
TMP275. The 8-bit Pointer Register of the devices is used
to address a given data register. The Pointer Register uses
the two LSBs to identify which of the data registers should
respond to a read or write command. Table 1 identifies the
bits of the Pointer Register byte. Table 2 describes the
pointer address of the registers available in the TMP275.
Power-up reset value of P1/P0 is 00.
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
0
Register Bits
Table 1. Pointer Register Byte
I/O
Control
Interface
SCL
SDA
Temperature
Register
Configuration
Register
T
LOW
Register
T
HIGH
Register
Pointer
Register
Figure 2. Internal Register Structure of the
TMP275
P1
P0
REGISTER
0
0
Temperature Register (READ Only)
0
1
Configuration Register (READ/WRITE)
1
0
TLOW Register (READ/WRITE)
1
1
THIGH Register (READ/WRITE)
Table 2. Pointer Addresses of the TMP275
TEMPERATURE REGISTER
The Temperature Register of the TMP275 is a 12-bit,
read-only register that stores the output of the most recent
conversion. Two bytes must be read to obtain data, and are
described in Table 3 and Table 4. Note that byte 1 is the
most significant byte, followed by byte 2, the least
significant byte. The first 12 bits are used to indicate
temperature, with all remaining bits equal to zero. The
least significant byte does not have to be read if that
information is not needed. Data format for temperature is
summarized in Table 5. Following power-up or reset, the
Temperature Register will read 0
°C until the first
conversion is complete.
D7
D6
D5
D4
D3
D2
D1
D0
T11
T10
T9
T8
T7
T6
T5
T4
Table 3. Byte 1 of Temperature Register
D7
D6
D5
D4
D3
D2
D1
D0
T3
T2
T1
T0
0
0
0
0
Table 4. Byte 2 of Temperature Register


Similar Part No. - TMP275AIDRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP275AIDGKR BURR-BROWN-TMP275AIDGKR Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
TMP275AIDGKRG4 BURR-BROWN-TMP275AIDGKRG4 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
TMP275AIDGKT BURR-BROWN-TMP275AIDGKT Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
TMP275AIDGKTG4 BURR-BROWN-TMP275AIDGKTG4 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
More results

Similar Description - TMP275AIDRG4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31725 MAXIM-MAX31725 Datasheet
1Mb / 15P
   ±0.5°C Local Temperature Sensor
Rev 0; 9/12
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
NXP Semiconductors
P3T1085UK NXP-P3T1085UK Datasheet
699Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.0 - 13 December 2022
P3T1035XUK NXP-P3T1035XUK Datasheet
712Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 10 November 2023
P3T1755 NXP-P3T1755 Datasheet
553Kb / 43P
   I3C, I2C-bus interface, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 4 January 2023
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_V01 Datasheet
1Mb / 52P
   ±0.25°C Typical Accuracy Digital Temperature Sensor
Revision D April 2018
logo
Analog Devices
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
   짹2 C Accurate, Micropower Digital Temperature Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com