Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2321 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2321
Description  DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2321 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2321 Datasheet HTML 6Page - Texas Instruments TPS2321 Datasheet HTML 7Page - Texas Instruments TPS2321 Datasheet HTML 8Page - Texas Instruments TPS2321 Datasheet HTML 9Page - Texas Instruments TPS2321 Datasheet HTML 10Page - Texas Instruments TPS2321 Datasheet HTML 11Page - Texas Instruments TPS2321 Datasheet HTML 12Page - Texas Instruments TPS2321 Datasheet HTML 13Page - Texas Instruments TPS2321 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
V
10V/div
I(IN1)
V
10V/div
O(OUT1)
V
10V/div
O(GATE1)
I
1 A/div
O(OUT1)
t – Time – 5ms/div
NoCapacitoronTimer
V
10V/div
I(IN1)
V
10V/div
O(OUT1)
V
10V/div
O(GATE1)
I
1 A/div
O(OUT1)
t – Time – 1ms/div
NoCapacitoronTimer
V
5V/div
I(
)
ENABLE
V
10V/div
O(
)
FAULT
V
10V/div
O(GATE1)
I
2 A/div
I(IN1)
t – Time – 1ms/div
NoCapacitoronTimer
V
5V/div
I(
)
ENABLE
V
10V/div
O(
)
FAULT
V
5V/div
O(GATE2)
I
2 A/div
I(IN2)
t – Time – 1ms/div
NoCapacitoronTimer
TPS2320
TPS2321
SLVS276F – MARCH 2000 – REVISED JULY 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 9. Channel 1 – Enabled Into Short Circuit
Figure 10. Channel 2 – Enabled Into Short Circuit
Figure 11. Channel 1 –Hot Plug
Figure 12. Channel 1 –Hot Removal
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: TPS2320 TPS2321


Similar Part No. - TPS2321

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2321 TI-TPS2321 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
TPS2321 TI-TPS2321 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321 TI-TPS2321 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321D TI-TPS2321D Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
TPS2321ID TI-TPS2321ID Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Similar Description - TPS2321

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
logo
Maxim Integrated Produc...
MAX5955 MAXIM-MAX5955 Datasheet
360Kb / 15P
   Low-Voltage, Dual Hot-Swap Controllers with Independent On/Off Control
19-3813; Rev 0; 9/05
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5918 MAXIM-MAX5918 Datasheet
443Kb / 15P
   Low-Voltage, Dual Hot-Swap Controllers with Independent ON/OFF Control
19-2496; Rev 0; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com