Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40070 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40070
Description  HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40070 Datasheet(HTML) 2 Page - Texas Instruments

  TPS40070 Datasheet HTML 1Page - Texas Instruments TPS40070 Datasheet HTML 2Page - Texas Instruments TPS40070 Datasheet HTML 3Page - Texas Instruments TPS40070 Datasheet HTML 4Page - Texas Instruments TPS40070 Datasheet HTML 5Page - Texas Instruments TPS40070 Datasheet HTML 6Page - Texas Instruments TPS40070 Datasheet HTML 7Page - Texas Instruments TPS40070 Datasheet HTML 8Page - Texas Instruments TPS40070 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
DESCRIPTION (CONTINUED)
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS40070
TPS40071
SLUS582J – DECEMBER 2003 – REVISED APRIL 2009 .................................................................................................................................................. www.ti.com
The TPS4007x uses voltage feed-forward control techniques to provide good line regulation over a wide-input
voltage range, and fast response to input line transients with near constant gain with input variation to ease loop
compensation. The externally programmable short circuit protection provides fault current limiting, as well as
hiccup mode operation for thermal protection in the presence of a shorted output.The TPS4007x is packaged in a
16-pin PowerPAD package for better thermal performance at higher voltages and frequencies. See SLMA002 for
information on board layout for the PowerPAD package. The pcb pad that the PowerPAD solders to should be
connected to GND. Due to the die attach method, the PowerPAD itself cannot be used as the device ground
connection. The two device grounds must be connected as well.
ORDERING INFORMATION
TA
APPLICATION
PACKAGE
PART NUMBER
SOURCE ONLY(1)
Plastic HTSSOP (PWP)((2))
TPS40070PWP
40°C to 85°C
SOURCE/SINK(1)
Plastic HTSSOP (PWP)((2))
TPS40071PWP
(1)
See Application Information section and Table 1.
(2)
The PWP package is also available taped and reeled. Add an R suffix to the device type (i.e., TPS40070PWPR). See the application
section of the data sheet for PowerPAD drawing and layout information.
over operating free-air temperature range unless otherwise noted
(1)
TPS40070
UNIT
TPS40071
VDD, ILIM
30
COMP, FB, KFF, PGD, LVBP
–0.3 to 6
VDD
Input voltage range
SW
–0.3 to 40
SW, transient < 50 ns
–2.5
V
COMP, KFF, RT, SS
–0.3 to 6
VBOOST
50
VOUT
Output voltage range
DBP
10.5
LVBP
6
IOUT
Output current source
LDRV, HDRV
1.5
LDRV, HDRV
2.0
A
IOUT
Output current sink
KFF
10
RT
1
Output current
mA
LVBP
1.5
TJ
Operating junction temperature range
–40 to 125
Tstg
Storage temperature
–55 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VDD
Input voltage
4.5
28
V
TA
Operating free-air temperature
-40
85
°C
2
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS40070 TPS40071


Similar Part No. - TPS40070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40070 TI-TPS40070 Datasheet
288Kb / 10P
[Old version datasheet]   HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070PWP TI-TPS40070PWP Datasheet
288Kb / 10P
[Old version datasheet]   HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results

Similar Description - TPS40070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077 Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_07 Datasheet
894Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070 TI-TPS40070 Datasheet
288Kb / 10P
[Old version datasheet]   HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com