Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61199PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61199PWPR
Description  White LED Driver for LCD Monitors Backlighting
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61199PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS61199PWPR Datasheet HTML 1Page - Texas Instruments TPS61199PWPR Datasheet HTML 2Page - Texas Instruments TPS61199PWPR Datasheet HTML 3Page - Texas Instruments TPS61199PWPR Datasheet HTML 4Page - Texas Instruments TPS61199PWPR Datasheet HTML 5Page - Texas Instruments TPS61199PWPR Datasheet HTML 6Page - Texas Instruments TPS61199PWPR Datasheet HTML 7Page - Texas Instruments TPS61199PWPR Datasheet HTML 8Page - Texas Instruments TPS61199PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
R1
0.03
R2
190k
R3
10k
Q1
Si4480DY
L1
22 H
µ
R8
3
C6
0.47nF
R9
200
D1
SS5P10
10k
TPS61199
VDD
IFB1
GDRV
IFB2
EN
GND
ISNS
VIN
IFB4
IFB5
OVP
PWM
ISET
FSW
FBP
COMP
IFB3
IFB6
IFB7
IFB8
10k
OUT 60V
12V IN
C1
10µF
C3
2.2 F
µ
OUT
C5
0.47nF
R6
40.2k
R5
200k
R7
160k
R4
50k
C4
47nF
C2
3 X 33µF
+
TPS61199
www.ti.com
SLVSAN3 A
– DECEMBER 2010 – REVISED MAY 2011
White LED Driver for LCD Monitors Backlighting
Check for Samples: TPS61199
1
FEATURES
Adjustable LED Open Protection
Thermal Shutdown Protection
8V to 30V Input Voltage
20-pin SOP Package and TSSOP Package
Integrated High-Power Boost Controller
with PowerPAD
Adaptive Boost Output for LED Voltages
Drive up to Eight LED Strings in Parallel
APPLICATIONS
Maximum 70 mA for Each LED String
Monitor LCD Backlight
3% Current Matching Between Strings
LCD TV Backlight
5000:1 PWM Dimming Ratio at 200Hz
General LED Lighting
MOSFET Over-current Protection
Programmable LED Short Protection
DESCRIPTION
The TPS61199 provides highly integrated solutions for large size LCD backlighting. This device integrates a
current-mode boost controller and eight current sinks for driving up to eight LED strings with multiple LEDs in
series. Each string has an independent current regulator with current matching between strings reaching 3%
regulation accuracy. The IC adjusts the boost controller
's output voltage automatically to provide only the voltage
required by the LED string with the largest forward voltage drop plus the minimum required voltage at that
string
's IFBx pin, thereby optimizing the driver's efficiency.
The TPS61199 provides PWM brightness dimming with an external PWM signal. The PWM signal
’s maximum
frequency can be as high as 22kHz. Dimming ratios up to 5000:1 can be achieved with 200Hz PWM signal. The
TPS61199 integrates over current protection for the switch FET, soft startup, LED short protection, LED open
protection, and over temperature shutdown protection. The TPS61199 device is available in 20-pin SOP and
HTSSOP package.
Figure 1. Typical Application of TPS61199
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61199PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
More results

Similar Description - TPS61199PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Monolithic Power System...
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
   White LED Driver For TV Backlighting Applications
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
   Boost White LED Driver For TV Backlighting Application
logo
Dialog Semiconductor
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
   16-Channel LED Driver for LCD Panel Backlighting
logo
Monolithic Power System...
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
   White LED Driver For Large Size TV Backlighting
logo
Dialog Semiconductor
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
   16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
   10-Channel LED Driver for LCD Panel Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com