Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2321IDG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2321IDG4
Description  DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2321IDG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2321IDG4 Datasheet HTML 2Page - Texas Instruments TPS2321IDG4 Datasheet HTML 3Page - Texas Instruments TPS2321IDG4 Datasheet HTML 4Page - Texas Instruments TPS2321IDG4 Datasheet HTML 5Page - Texas Instruments TPS2321IDG4 Datasheet HTML 6Page - Texas Instruments TPS2321IDG4 Datasheet HTML 7Page - Texas Instruments TPS2321IDG4 Datasheet HTML 8Page - Texas Instruments TPS2321IDG4 Datasheet HTML 9Page - Texas Instruments TPS2321IDG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
1 V
I
O_0V * IO_1V
(1)
Test IO of ENABLE at VI(ENABLE) = 1 V and 0 V, then RI(ENABLE) =
TPS2320
TPS2321
SLVS276F – MARCH 2000 – REVISED JULY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
over recommended operating temperature range (–40°C < TA < 85°C), 3V ≤ VI(IN1) ≤13V, 3V ≤ VI(IN2) ≤ 5.5V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TIMER
V(TO_TIMER)
Threshold voltage, TIMER
0.4
0.5
0.6
V
Charge current, TIMER
VI(TIMER) = 0 V
35
50
65
µA
Discharge current, TIMER
VI(TIMER) = 1 V
1
2.5
mA
CIRCUIT BREAKER
RISETx = 1 kΩ
40
50
60
RISETx = 400 Ω, TA = 25°C
14
19
24
VIT(CB)
Threshold voltage, circuit breaker
mV
RISETx = 1 kΩ, TA = 25°C
44
50
53
RISETx = 1.5 kΩ, TA = 25°C
68
73
78
I(IB_ISENSEx)
Input bias current, ISENSEx
0.1
5
µA
VO(GATEx) = 4 V
400
800
Discharge current, GATEx
mA
VO(GATEx) = 1 V
25
150
Propagation (delay) time,
Cg = 50 pF,
10 mV overdrive,
tpd(CB)
1.3
µs
comparator inputs to gate output
(50% to 10%),
CTIMER = 50 pF
ENABLE, ACTIVE LOW (TPS2320)
VIH(ENABLE)
High-level input voltage, ENABLE
2
V
VIL(ENABLE)
Low-level input voltage, ENABLE
0.8
V
RI(ENABLE)
Input pullup resistance, ENABLE
See (1)
100
200
300
k
VI(ENABLE) increasing above stop threshold;
td(off_ENABLE)
Turnoff delay time, ENABLE
60
μs
100 ns rise time, 20 mV overdrive(2)
VI(ENABLE) decreasing below start threshold;
td(on_ENABLE)
Turnon delay time, ENABLE
125
μs
100 ns fall time, 20 mV overdrive(2)
ENABLE, ACTIVE HIGH (TPS2321)
VIH(ENABLE)
High-level input voltage, ENABLE
2
V
VIL(ENABLE)
Low-level input voltage, ENABLE
0.7
V
RI(ENABLE)
Input pulldown resistance, ENABLE
100
150
300
k
VI(ENABLE) increasing above start threshold;
td(on_ENABLE)
Turnon delay time, ENABLE
85
μs
100 ns rise time, 20 mV overdrive(2)
VI(ENABLE) decreasing below stop threshold;
td(off_ENABLE)
Turnoff delay time, ENABLE
100
µs
100 ns fall time, 20 mV overdrive (2)
PREREG
V(VREG)
PREREG output voltage
4.5
≤ VI(IN1) ≤ 13 V
3.5
4.1
5.5
V
V(drop_PREREG)
PREREG dropout voltage
VI(IN1) = 3 V
0.1
V
(2)
Specified, but not production tested.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: TPS2320 TPS2321


Similar Part No. - TPS2321IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2321IDG4 TI-TPS2321IDG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IDG4 TI-TPS2321IDG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Similar Description - TPS2321IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
logo
Maxim Integrated Produc...
MAX5955 MAXIM-MAX5955 Datasheet
360Kb / 15P
   Low-Voltage, Dual Hot-Swap Controllers with Independent On/Off Control
19-3813; Rev 0; 9/05
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5918 MAXIM-MAX5918 Datasheet
443Kb / 15P
   Low-Voltage, Dual Hot-Swap Controllers with Independent ON/OFF Control
19-2496; Rev 0; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com