Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61199 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61199
Description  White LED Driver for LCD Monitors Backlighting
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61199 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61199 Datasheet HTML 7Page - Texas Instruments TPS61199 Datasheet HTML 8Page - Texas Instruments TPS61199 Datasheet HTML 9Page - Texas Instruments TPS61199 Datasheet HTML 10Page - Texas Instruments TPS61199 Datasheet HTML 11Page - Texas Instruments TPS61199 Datasheet HTML 12Page - Texas Instruments TPS61199 Datasheet HTML 13Page - Texas Instruments TPS61199 Datasheet HTML 14Page - Texas Instruments TPS61199 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
MAX
OUT
FLED_MAX
V
= V
Number +1V
´
1
MAX
OUT
V
+1V
R2 =
R3
2.95V
æ
ö
-
´
ç
÷
è
ø
TPS61199
www.ti.com
SLVSAN3 A
– DECEMBER 2010 – REVISED MAY 2011
If any IFB pin voltage exceeds the threshold (VLED_short), the IC turns off the corresponding current sink and
removes this IFB pin from the output voltage regulation loop. Current regulation of the remaining IFB pins is
not affected.
If the voltage on all the IFB pins exceed the threshold, the IC repeatedly attempts to restart until the fault is
cleared.
4. IFB over-voltage protection
When any of IFB pin reaches the threshold (VOVP_IFB), the IC stops switching immediately to protect from
damage. The IC will re-start when IFB pin voltage falls below the threshold. The time delay depends on how
quickly IFB voltage can fall. It is usually determined by the amount of output capacitance and load.
5. Output over-voltage protection using the OVP pin:
Use a resistor divider to program the clamp threshold voltage as follows:
(a) Compute the maximum output voltage by multiplying the maximum forward voltage (VFWD(MAX)) and
number (n) of series LEDs. Add 1V to account for regulation and resistor tolerances and load transients.
(3)
(b) The recommended bottom feedback resistor (R3, in the ) at 10k. Calculate the top resistor (R2, in the
Figure 1) using the following equation
(4)
When the IC detects that the OVP pin exceeds 2.95V, indicating that the output voltage has exceeded the
clamp threshold voltage, the IC clamps the output voltage to the set threshold.
When the OVP pin voltage is higher than 3.0V, indicating that the output is higher than the clamp threshold
voltage due to transients or high voltage noise spike coupling from external circuits, the IC shuts down the
boost controller until the output drops below the clamp threshold voltage.
6. Output short to ground protection
When the inductor peak current reaches twice the switch current limit in each switch cycle, the IC
immediately disables the boost controller until the fault is cleared. This protects the IC and external
components from damage if the output is shorted to ground.
7. Thermal Protection
When the IC junction temperature is over 150
°C, the thermal protection circuit is triggered and shuts down
the device immediately. The device automatically restarts when the junction temperature falls back to less
than 150
°C, with approximate 15°C hysteresis.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS61199


Similar Part No. - TPS61199

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
More results

Similar Description - TPS61199

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Monolithic Power System...
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
   White LED Driver For TV Backlighting Applications
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
   Boost White LED Driver For TV Backlighting Application
logo
Dialog Semiconductor
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
   16-Channel LED Driver for LCD Panel Backlighting
logo
Monolithic Power System...
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
   White LED Driver For Large Size TV Backlighting
logo
Dialog Semiconductor
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
   16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
   10-Channel LED Driver for LCD Panel Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com