Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2321IPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2321IPW
Description  DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2321IPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2321IPW Datasheet HTML 3Page - Texas Instruments TPS2321IPW Datasheet HTML 4Page - Texas Instruments TPS2321IPW Datasheet HTML 5Page - Texas Instruments TPS2321IPW Datasheet HTML 6Page - Texas Instruments TPS2321IPW Datasheet HTML 7Page - Texas Instruments TPS2321IPW Datasheet HTML 8Page - Texas Instruments TPS2321IPW Datasheet HTML 9Page - Texas Instruments TPS2321IPW Datasheet HTML 10Page - Texas Instruments TPS2321IPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TPS2320
TPS2321
www.ti.com
SLVS276F – MARCH 2000 – REVISED JULY 2013
ELECTRICAL CHARACTERISTICS (Continued)
over recommended operating temperature range (–40°C < TA < 85°C), 3V ≤VI(IN1) ≤13V, 3V ≤ VI(IN2) ≤ 5.5V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREG UVLO
V(TO_UVLOstart) Output threshold voltage, start
2.75
2.85
2.95
V
V(TO_UVLOstop) Output threshold voltage, stop
2.65
2.78
V
Vhys(UVLO)
Hysteresis
50
75
mV
UVLO sink current, GATEx
VI(GATEx) = 2 V
10
mA
FAULT OUTPUT
VO(sat_FAULT)
Output saturation voltage, FAULT
IO = 2 mA
0.4
V
Ilkg(FAULT)
Leakage current, FAULT
VO(FAULT) = 13 V
1
µA
DISCH1 AND DISCH2
I(DISCH)
Discharge current, DISCHx
VI(DISCHx) = 1.5 V, VI(VIN1) = 5 V
5
10
mA
VIH(DISCH)
Discharge on high-level input
2
V
voltage
VIL(DISCH)
Discharge on low-level input voltage
1
V
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS2320 TPS2321


Similar Part No. - TPS2321IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPWG4 TI-TPS2321IPWG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPWG4 TI-TPS2321IPWG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPWR TI-TPS2321IPWR Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Similar Description - TPS2321IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
logo
Maxim Integrated Produc...
MAX5955 MAXIM-MAX5955 Datasheet
360Kb / 15P
   Low-Voltage, Dual Hot-Swap Controllers with Independent On/Off Control
19-3813; Rev 0; 9/05
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5918 MAXIM-MAX5918 Datasheet
443Kb / 15P
   Low-Voltage, Dual Hot-Swap Controllers with Independent ON/OFF Control
19-2496; Rev 0; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com