Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61199NSR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61199NSR
Description  White LED Driver for LCD Monitors Backlighting
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61199NSR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61199NSR Datasheet HTML 4Page - Texas Instruments TPS61199NSR Datasheet HTML 5Page - Texas Instruments TPS61199NSR Datasheet HTML 6Page - Texas Instruments TPS61199NSR Datasheet HTML 7Page - Texas Instruments TPS61199NSR Datasheet HTML 8Page - Texas Instruments TPS61199NSR Datasheet HTML 9Page - Texas Instruments TPS61199NSR Datasheet HTML 10Page - Texas Instruments TPS61199NSR Datasheet HTML 11Page - Texas Instruments TPS61199NSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
IFB1
10V/div
DC
EN
5V/div
DC
VOUT
20V/div
AC
TotalLED
500mA/div
DC
t-Time-20ms/div
IFB1
10V/div
DC
VOUT
500mV/div
AC
TotalLED
500mA/div
DC
t-Time-10
s/div
m
VOUT
20V/div
AC
TotalLED
500mA/div
DC
t-Time-40ms/div
EN
5V/div
DC
IFB1
10V/div
DC
TPS61199
SLVSAN3 A
– DECEMBER 2010 – REVISED MAY 2011
www.ti.com
Figure 8. Dimming Waveforms
Figure 9. Startup Waveform
Figure 10. Shutdown Waveform
8
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS61199


Similar Part No. - TPS61199NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
More results

Similar Description - TPS61199NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Monolithic Power System...
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
   White LED Driver For TV Backlighting Applications
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
   Boost White LED Driver For TV Backlighting Application
logo
Dialog Semiconductor
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
   16-Channel LED Driver for LCD Panel Backlighting
logo
Monolithic Power System...
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
   White LED Driver For Large Size TV Backlighting
logo
Dialog Semiconductor
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
   16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
   10-Channel LED Driver for LCD Panel Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com