Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2331IPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2331IPW
Description  SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2331IPW Datasheet(HTML) 1 Page - Texas Instruments

  TPS2331IPW Datasheet HTML 1Page - Texas Instruments TPS2331IPW Datasheet HTML 2Page - Texas Instruments TPS2331IPW Datasheet HTML 3Page - Texas Instruments TPS2331IPW Datasheet HTML 4Page - Texas Instruments TPS2331IPW Datasheet HTML 5Page - Texas Instruments TPS2331IPW Datasheet HTML 6Page - Texas Instruments TPS2331IPW Datasheet HTML 7Page - Texas Instruments TPS2331IPW Datasheet HTML 8Page - Texas Instruments TPS2331IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
3 V–13 V
FAULT
typical application
NOTE: Terminal 13 is active-high on TPS2331.
VREG
IN
ISET
ISENSE
GATE
DISCH
VSENSE
PWRGD
TIMER
DGND
AGND
VIN
TPS2330
+
VO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GATE
DGND
TIMER
VREG
VSENSE
AGND
ISENSE
DISCH
ENABLE
PWRGD
FAULT
ISET
AGND
IN
D OR PW PACKAGE
(TOP VIEW)
ENABLE
TPS2330
TPS2331
www.ti.com
SLVS277G – MARCH 2000 – REVISED JULY 2013
SINGLE HOT-SWAP POWER CONTROLLERS WITH
CIRCUIT BREAKER AND POWER-GOOD REPORTING
Check for Samples: TPS2330, TPS2331
1
FEATURES
Single-Channel High-Side MOSFET Driver
Input Voltage: 3 V to 13 V
Output dV/dt Control Limits Inrush Current
Circuit-Breaker With Programmable
Overcurrent Threshold and Transient Timer
Power-Good Reporting With Transient Filter
CMOS- and TTL-Compatible Enable Input
Low 5-
μA Standby Supply Current (Max)
Available in 14-Pin SOIC and TSSOP Package
–40°C to 85°C Ambient Temperature Range
Electrostatic Discharge Protection
APPLICATIONS
Hot-Swap/Plug/Dock Power Management
Hot-Plug PCI, Device Bay
Electronic Circuit Breaker
DESCRIPTION
The TPS2330 and TPS2331 are single-channel hot-swap controllers that use external N-channel MOSFETs as
high-side switches in power applications. Features of these devices, such as overcurrent protection (OCP),
inrush-current control, output-power status reporting, and the ability to discriminate between load transients and
faults, are critical requirements for hot-swap applications.
The TPS2330/31 devices incorporate undervoltage lockout (UVLO) and power-good (PG) reporting to ensure the
device is off at start-up and confirm the status of the output voltage rails during operation. An internal charge
pump, capable of driving multiple MOSFETs, provides enough gate-drive voltage to fully enhance the N-channel
MOSFETs. The charge pump controls both the rise times and fall times (dV/dt) of the MOSFETs, reducing power
transients during power up/down. The circuit-breaker functionality combines the ability to sense overcurrent
conditions with a timer function; this allows designs such as DSPs, that may have high peak currents during
power-state transitions, to disregard transients for a programmable period.
Table 1. AVAILABLE OPTIONS
PACKAGES(1)
TA
HOT-SWAP CONTROLLER DESCRIPTION
PIN COUNT
ENABLE
ENABLE
Dual-channel with independent OCP and adjustable PG
20
TPS2300IPW
TPS2301IPW
Dual-channel with interdependent OCP and adjustable PG
20
TPS2310IPW
TPS2311IPW
TPS2320ID
TPS2321ID
–40°C to 85°C
Dual-channel with independent OCP
16
TPS2320IPW
TPS2321IPW
TPS2330ID
TPS2331ID
Single-channel with OCP and adjustable PG
14
TPS2330IPW
TPS2331IPW
(1)
The packages are available left-end taped and reeled (indicated by the R suffix on the device type; e.g., TPS2331IPWR).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2331IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2331IPW TI-TPS2331IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2331IPW TI-TPS2331IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
More results

Similar Description - TPS2331IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2310 TI-TPS2310 Datasheet
423Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
logo
Altera Corporation
ES1010SI ALTERA-ES1010SI Datasheet
889Kb / 11P
   12V Hot-Swap Power Distribution Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com