Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1524J80937 Datasheet(PDF) 5 Page - Texas Instruments

Part # UC1524J80937
Description  ADVANCED REGULATING PULSE WIDTH MODULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1524J80937 Datasheet(HTML) 5 Page - Texas Instruments

  UC1524J80937 Datasheet HTML 1Page - Texas Instruments UC1524J80937 Datasheet HTML 2Page - Texas Instruments UC1524J80937 Datasheet HTML 3Page - Texas Instruments UC1524J80937 Datasheet HTML 4Page - Texas Instruments UC1524J80937 Datasheet HTML 5Page - Texas Instruments UC1524J80937 Datasheet HTML 6Page - Texas Instruments UC1524J80937 Datasheet HTML 7Page - Texas Instruments UC1524J80937 Datasheet HTML 8Page - Texas Instruments UC1524J80937 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
40
30
10
−10
100
1 k
10 k
100 k
60
70
f − Frequency − Hz
90
1 M
10 M
0
20
50
80
RF =
VIN = 20 V
TJ = 25 C
RF = 1M
RF = 300 k
RF = 100 k
RF = 30 k
RF is Resistance From
Pin 9 to Ground
NOTE: Value of RF Below 30 kW
Will Began to Limit Maximum Duty-Cycle
10 k
1 k
100
1
2
5
10
20
100 k
1 M
50
100
RT − Timing Resistor − kW
VIN = 20 V
TJ = 25 C
CT = 0.001 mF
CT = 0.003 mF
CT = 0.01 mF
CT = 0.003 mF
CT = 0.1 mF
1
0.4
0.1
0.001
0.004 0.01
4
10
0.04
0.1
CT − Capacitance −
F
VIN = 20 V
TJ = 25 C
NOTE: Dead Time = Blanking Pulse Width
Plus Outplay Delay
2
1.5
0.5
0
0
20
40
60
2.5
3.5
Load Current − mA
4
80
100
1
3
VCC = 20 V
TJ = 125 C
TJ = 25 C
TJ = −55 C
UC1524
UC2524
UC3524
SLUS180E – NOVEMBER 1999 – REVISED OCTOBER 2005
OPEN-LOOP VOLTRAGE AMPLIFICATION
OSCILLATOR FREQUENCY
OF ERROR AMPLIFIER
vs
vs
TIMING COMPONENTS
FREQUENCY
Figure 1.
Figure 2.
OUTPUT DEAD TIME
OUTPUT SATURATION VOLTAGE
vs
vs
TIMING CAPACITANCE VALUE
LOAD CURRENT
Figure 3.
Figure 4.
5


Similar Part No. - UC1524J80937

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1524J883B TI-UC1524J883B Datasheet
326Kb / 8P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
More results

Similar Description - UC1524J80937

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1524A TI1-UC1524A_16 Datasheet
3Mb / 17P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524 TI-UC1524 Datasheet
326Kb / 8P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494AN TI-UC494AN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494ACN TI-UC494ACN Datasheet
366Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI-UC1524A_08 Datasheet
3Mb / 16P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC1524A TI-UC1524A Datasheet
365Kb / 8P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
UC494A TI-UC494A Datasheet
473Kb / 5P
[Old version datasheet]   Advanced Regulating Pulse Width Modulators
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com