Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3956DW Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC3956DW
Description  SWITCH-MODE LITHIUM-ION BATTERY CHARGE CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3956DW Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC3956DW Datasheet HTML 6Page - Texas Instruments UCC3956DW Datasheet HTML 7Page - Texas Instruments UCC3956DW Datasheet HTML 8Page - Texas Instruments UCC3956DW Datasheet HTML 9Page - Texas Instruments UCC3956DW Datasheet HTML 10Page - Texas Instruments UCC3956DW Datasheet HTML 11Page - Texas Instruments UCC3956DW Datasheet HTML 12Page - Texas Instruments UCC3956DW Datasheet HTML 13Page - Texas Instruments UCC3956DW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
UCC3956
SWITCHMODE LITHIUMION
BATTERY CHARGE CONTROLLER
SLUS249B − FEBRUARY 1997 − REVISED DECEMBER 2001
10
www.ti.com
APPLICATION INFORMATION
bulk-charge state
As the name implies, the bulk-charge state is responsible for restoring a majority of the charge back into the battery.
The bulk-charge current is determined by the C-rate and the capacity of the battery. In the application circuit, two
stacked 1200-mAh batteries are charged at a 1C rate. This requires 1.2 A of current during bulk charge. In this case,
a fully-discharged battery takes about 60 minutes to reach approximately 80% capacity. Battery packs with a high
ESR typically have a shorter bulk period, due to the voltage drop generated by the bulk current and the ESR of the
battery.
Both the voltage-sense amplifier and current-sense amplifier are enabled during bulk charge. The voltage amplifier
is saturated in this state as the battery voltage is slowly rising, but is not yet high enough to drive the voltage amplifier
into regulation. The voltage amplifier output is clamped at a nominal voltage of 4.1 V. The current-sense amplifier
is configured so that its output voltage increases with decreasing RSENSE current. RSENSE should be sized such
that the output voltage of the current-sense amplifier (VIBAT) is within specification during bulk charge.
V
IBAT BULK +
2.05
* 5
IBULK
RSENSE
With 1.2 A of bulk current and the current sense amplifier output set at 1 V, a sense resistor of 0.18
Ω is required. As
always, power dissipation and converter efficiency must be considered when choosing RSENSE.
Referring to the feedback diagram of Figure 3, the output of the voltage-sense amplifier and current-sense amplifier
are summed at the inverting input of the current amplifier. Assuming that the current-sense amplifier is within
regulation, the required value of RG2 can be calculated. The application circuit uses a value of 38.3 k
Ω for RG2,
setting the bulk current to 1.2 A.
RG2
+
2.05
RG1
5
IBULK
RSENSE
Referring to Figure 2, the bulk-charge state corresponds to the interval between t1 and t2. The step-in voltage at time
t1 is caused by bulk current flowing into the battery ESR and sense resistor. In the bulk-charge state, STAT0 is a
logic-level high and STAT1 is a logic-level low.
UDG−96263−1
Figure 3. Typical Charge Cycle Levels
(8)
(9)


Similar Part No. - UCC3956DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3956 TI-UCC3956 Datasheet
424Kb / 10P
[Old version datasheet]   Switch Mode Lithium-Ion Battery Charger Controller
More results

Similar Description - UCC3956DW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
LM3420-4.2 NSC-LM3420-4.2 Datasheet
384Kb / 17P
   Lithium-Ion Battery Charge Controller
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680 Datasheet
265Kb / 18P
   Lithium-Ion Linear Battery Charge Controller
logo
Texas Instruments
UCC2956 TI-UCC2956 Datasheet
424Kb / 10P
[Old version datasheet]   Switch Mode Lithium-Ion Battery Charger Controller
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800_04 Datasheet
93Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
logo
Advanced Analog Technol...
AAT3680 AAT-AAT3680 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
Advanced Analogic Techn...
AAT3680 ANALOGICTECH-AAT3680_06 Datasheet
213Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charge Controller
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
logo
Maxim Integrated Produc...
MAX1737 MAXIM-MAX1737_07 Datasheet
181Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
Rev 4; 9/07
MAX1737 MAXIM-MAX1737 Datasheet
234Kb / 18P
   Stand-Alone Switch-Mode Lithium-Ion Battery-Charger Controller
19-1626; Rev 1; 7/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com