Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC594DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC594DR
Description  8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC594DR Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC594DR Datasheet HTML 1Page - Texas Instruments SN74HC594DR Datasheet HTML 2Page - Texas Instruments SN74HC594DR Datasheet HTML 3Page - Texas Instruments SN74HC594DR Datasheet HTML 4Page - Texas Instruments SN74HC594DR Datasheet HTML 5Page - Texas Instruments SN74HC594DR Datasheet HTML 6Page - Texas Instruments SN74HC594DR Datasheet HTML 7Page - Texas Instruments SN74HC594DR Datasheet HTML 8Page - Texas Instruments SN74HC594DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54HC594, SN74HC594
8BIT SHIFT REGISTERS
WITH OUTPUT REGISTERS
SCLS040F − DECEMBER 1982 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D High-Current Outputs Can Drive Up To
15 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 15 ns
D ±6-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D 8-Bit Serial-In, Parallel-Out Shift Registers
With Storage
D Independent Direct Overriding Clears on
Shift and Storage Registers
D Independent Clocks for Both Shift and
Storage Registers
SN54HC594 ...J OR W PACKAGE
SN74HC594 . . . D, DW, OR N PACKAGE
(TOP VIEW)
SN54HC594 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
QB
QC
QD
QE
QF
QG
QH
GND
VCC
QA
SER
RCLR
RCLK
SRCLK
SRCLR
QH′
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
SER
RCLR
NC
RCLK
SRCLK
QD
QE
NC
QF
QG
description/ordering information
The ’HC594 devices contain an 8-bit serial-in, parallel-out shift register that feeds an 8-bit D-type storage
register. Separate clocks and direct overriding clear (RCLR, SRCLR) inputs are provided on both the shift and
storage registers. A serial (QH′) output is provided for cascading purposes.
Both the shift register (SRCLK) and storage register (RCLK) clocks are positive edge triggered. If both clocks
are connected together, the shift register always is one count pulse ahead of the storage register.
The parallel (QA−QH) outputs have high-current capability. QH′ is a standard output.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC594N
SN74HC594N
Tube of 40
SN74HC594D
−40
°C to 85°C
SOIC − D
Reel of 2500
SN74HC594DR
HC594
−40
°C to 85°C
SOIC − D
Reel of 250
SN74HC594DT
HC594
SOIC − DW
Tube of 40
SN74HC594DW
HC594
SOIC − DW
Reel of 2000
SN74HC594DWR
HC594
CDIP − J
Tube of 25
SNJ54HC594J
SNJ54HC594J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC594W
SNJ54HC594W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC594FK
SNJ54HC594FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74HC594DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC594DR TI1-SN74HC594DR Datasheet
1Mb / 26P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN74HC594DRE4 TI1-SN74HC594DRE4 Datasheet
1Mb / 26P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN74HC594DRG4 TI1-SN74HC594DRG4 Datasheet
1Mb / 26P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
More results

Similar Description - SN74HC594DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com